Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC05101LS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TTC05101LS
Description  Temperature Compensation/Sensing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TTC05101LS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TTC05101LS Datasheet HTML 1Page - List of Unclassifed Manufacturers TTC05101LS Datasheet HTML 2Page - List of Unclassifed Manufacturers TTC05101LS Datasheet HTML 3Page - List of Unclassifed Manufacturers TTC05101LS Datasheet HTML 4Page - List of Unclassifed Manufacturers TTC05101LS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
27
THINKING ELECTRONIC
P RO D U C T DATA
900
9
20
-30 ~ +125
Zero power
resistance
at 25
()
Part no.
Characteristics
B
value
(K)
Max.
power rating
at 25
(mW)
Thermal
dissipation
constant
(mW/
)
Thermal
time
constant
(Sec.)
Operating
temperature
range
()
Tolerance
of
resistance
( %)
2400
2800
2800
2800
2900
3100
3100
3100
3200
3200
3200
3300
3300
3500
3500
3500
3800
3500
3700
3800
3800
3800
3950
4000
4000
4000
4000
4000
4000
4050
3950
4050
4050
4050
4050
4050
4150
4250
4250
4300
4300
4400
4500
4600
4600
4750
TTC05005
TTC05010
TTC05015
TTC05020
TTC05025
TTC05045
TTC05050
TTC05060
TTC05085
TTC05090
TTC05101
TTC05121
TTC05151
TTC05201
TTC05221
TTC05251
TTC05301
TTC05471
TTC05501
TTC05681
TTC05701
TTC05102
TTC05152
TTC05202
TTC05222
TTC05252
TTC05302
TTC05332
TTC05402
TTC05472
TTC05502
TTC05602
TTC05682
TTC05802
TTC05103
TTC05123
TTC05153
TTC05203
TTC05303
TTC05473
TTC05503
TTC05104
TTC05154
TTC05204
TTC05224
TTC05474
5
10
15
20
25
45
50
60
85
90
100
120
150
200
220
250
300
470
500
680
700
1000
1500
2000
2200
2500
3000
3300
4000
4700
5000
6000
6800
8000
10000
12000
15000
20000
30000
47000
50000
100000
150000
200000
220000
470000
510
25/50
Note:
= Tolerance of resistance


Similar Part No. - TTC05101LS

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC05101L THINKING-TTC05101L Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
More results

Similar Description - TTC05101LS

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com