Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6560HQ Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB6560HQ
Description  PWM Chopper-Type bipolar Stepping Motor Driver IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6560HQ Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB6560HQ Datasheet HTML 1Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 2Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 3Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 4Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 5Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 6Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 7Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 8Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TB6560HQ/FG
2006-05-31
1
TOSHIBA BiCD Integrated Circuit Silicon Monolithic
TB6560HQ,TB6560FG
PWM Chopper-Type bipolar
Stepping Motor Driver IC
The TB6560HQ/FG is a PWM chopper-type sinusoidal micro-step
bipolar stepping motor driver IC.
It supports both 2-phase/1-2-phase/W1-2-phase/2W1-2-phase
excitation mode and forward/reverse mode and is capable of
low-vibration, high-performance drive of 2-phase bipolar type
stepping motors using only a clock signal.
Features
• Single-chip bipolar sinusoidal micro-step stepping motor
driver
• Uses high withstand voltage BiCD process:
Ron (upper  lower)
= 0.6 Ω (typ.)
• Forward and reverse rotation control available
• Selectable phase drive (2, 1-2, W1-2, and 2W1-2)
• High output withstand voltage: VCEO = 40 V
• High output current: IOUT = HQ: 3.5 A (peak)
FG: 2.5 A (peak)
• Packages: HZIP25-P-1.27/HQFP64-P-1010-0.50
• Built-in input pull-down resistor: 100 kΩ (typ.)
• Output monitor pin equipped: MO current (IMO (max) = 1 mA)
• Equipped with reset and enable pins
• Built-in overheat protection circuit
*: Since this product has a MOS structure, it is sensitive to electrostatic discharge. These ICs are highly sensitive to
electrostatic discharge. When handling them, please be careful of electrostatic discharge, temperature and
humidity conditions.
TB6560HQ
TB6560FG
Weight:
HZIP25-P-1.27: 9.86 g (typ.)
HQFP64-P-1010-0.50: 0.26 g (typ.)
Preliminary
The TB6560HQ/FG is a Pb-free product.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-63Pb solder bath
*solder bath temperature
= 230°C
*dipping time
= 5 seconds
*number of times
= once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature
= 245°C
*dipping time
= 5 seconds
*the number of times
= once
*use of R-type flux


Similar Part No. - TB6560HQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB6560 ETC-TB6560 Datasheet
553Kb / 6P
   TB6560 3Axis Stepper Motor Driver
logo
Toshiba Semiconductor
TB6560AFG TOSHIBA-TB6560AFG Datasheet
506Kb / 34P
   PWM Chopper-Type Bipolar Driver IC for Stepping Motor Control
TB6560AFTG TOSHIBA-TB6560AFTG Datasheet
475Kb / 33P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-05-23
TB6560AHQ TOSHIBA-TB6560AHQ Datasheet
506Kb / 34P
   PWM Chopper-Type Bipolar Driver IC for Stepping Motor Control
More results

Similar Description - TB6560HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6600HG TOSHIBA-TB6600HG Datasheet
1Mb / 35P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6600HQ TOSHIBA-TB6600HQ Datasheet
438Kb / 33P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-06-14
TB6564AHQ TOSHIBA-TB6564AHQ Datasheet
521Kb / 39P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-03-01
TB6504F TOSHIBA-TB6504F Datasheet
729Kb / 20P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6512AF TOSHIBA-TB6512AF Datasheet
642Kb / 18P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6504FG TOSHIBA-TB6504FG Datasheet
639Kb / 23P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
2006-3-6
TA8435H TOSHIBA-TA8435H_06 Datasheet
562Kb / 28P
   PWM CHOPPER-TYPE BIPOLAR STEPPING MOTOR DRIVER.
TA8435H TOSHIBA-TA8435H Datasheet
470Kb / 25P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6560AFG TOSHIBA-TB6560AFG Datasheet
506Kb / 34P
   PWM Chopper-Type Bipolar Driver IC for Stepping Motor Control
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com