Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242039NT Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 242039NT
Description  5-Pin Gas Discharge Tube (GDT) Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

242039NT Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  242039NT Datasheet HTML 1Page - Bourns Electronic Solutions 242039NT Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Superior protection at a low price
Patented Switch-Grade Fail-Short Device
Quick response and high energy handling
Low capacitance (<2.5 pF) - ideal for
high-speed networks in high exposure
environments
per UL497 (File E53117)
Test Methods per UL 497, CSA C22.2, Telcordia GR 974, 1361 and SBC SR 5165.
2420 Series 5-Pin Gas Discharge Tube (GDT) Protector
Characteristics
DC Breakdown .................................................................................................................................... 300-400 V
AC Breakdown @ 60 Hz ...................................................................................................................... 300-400 V
Impulse Breakdown
100 V/µs ......................................................................................................................................... 625 V
1000 V/µs ....................................................................................................................................... 875 V
Insulation Resistance @ 100 Vdc ........................................................................................................ >1 GΩ
Insertion Loss @ 100 MHz .................................................................................................................. ExceedsCategory 5
Return Loss @ 100 MHz ..................................................................................................................... Exceeds Category 5
Capacitance Tip to Ring @ 1 MHz ...................................................................................................... <1.25 pF typical
Capacitance Tip or Ring to Ground @ 1 MHz ..................................................................................... <2.50 pF typical
Impulse Reset1
52 V, 260 mA .................................................................................................................................. <10 ms
135 V, 200 mA ................................................................................................................................ <10 ms
150 V, 200 mA ................................................................................................................................ <150 ms
Impulse Life Characteristics (Tip and Ring to Ground Simultaneously)
10 A, 10/1000 µs ............................................................................................................................ >3000 operations
100 A, 10/1000 µs .......................................................................................................................... >300 operations
300 A, 10/1000 µs .......................................................................................................................... >100 operations
500 A, 10/1000 µs .......................................................................................................................... >400 operations
2
2,000 A, 10/250 µs ......................................................................................................................... >25 operations
5,000 A, 20/100 µs ......................................................................................................................... >2 operations
20,000 A, 8/20 µs ........................................................................................................................... >1 operation
AC Life Characteristics (Tip and Ring to Ground Simultaneously)
0.5 A rms continuous ..................................................................................................................... >30 seconds
1 A rms, 1 second, 600 ft. cable .................................................................................................... >60 operations
1 A rms, 1 second, 1 mile cable ..................................................................................................... >60 operations
10 A rms, 1 second ........................................................................................................................ >5 operations
65 A rms, 11 cycles ........................................................................................................................ >1 operation2
120 A rms, 0.1 second ................................................................................................................... 1 operation
High Current Capability and Thermal Operation (Tip and Ring to Ground Simultaneously) ............... >30 A rms, 15 min.
Storage and Operating Temperature .................................................................................................. -55 to +85 °C
The 2420 overvoltage protection modules utilize Bourns’ propietary high-efficiency gas discharge tube with our patented
Switch-Grade Fail-Short mechanism to provide robust and reliable surge and thermal overload protection at a very competitive
price. The 2420 Series is based on Bourns’ three-terminal common chamber GDT. This design provides greatly improved and
balanced turn-on characteristics for overvoltage protection.The GDT is UL approved for use without a back-up device. Air
back-up devices can become contaminated; the circuitry of the 2420 eliminates this possibility. Our unique Switch-Grade
Fail-Short device provides more reliable thermal overload protection compared to commonly used solder pellet or insulation
burn-through designs.
Bourns® 2420 Series 5-Pin protectors can be used universally for broadband voice and data circuits including ADSL, ADSL2+,
VDSL ISDN and high-speed Ethernet. The 2420 Series is an economical, reliable and low capacitance choice for overvoltage
protection of copper pair circuits.
REV. F 08/06
Meets test requirements of Telcordia
GR 974, GR1361, SBC SR 5165 and
RUS PE-80
Solid brass, gold plated pins
Test point access option
Sealed option for harsh environments
Telcordia analyzed for controlled (non-sealed) and uncontrolled, high-exposure (sealed) environments per GR 974 and SBC SR 5165.
Telcordia Technical Analysis Report DA-1597.
Notes: 1 Network applied
2 Per RUS PE-80
UL
®
C
US LISTED


Similar Part No. - 242039NT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24203100 TOSHIBA-24203100 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
24203100 TOSHIBA-24203100 Datasheet
1Mb / 35P
   Color Television
2004
24203100 TOSHIBA-24203100 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
24203100 TOSHIBA-24203100 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
24203100 TOSHIBA-24203100 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
More results

Similar Description - 242039NT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2420-31-G-S BOURNS-2420-31-G-S Datasheet
199Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com