Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML925J40F-16 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # ML925J40F-16
Description  2.5Gbps InGaAsP DFB LASER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML925J40F-16 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  ML925J40F-16 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML925J40F-16 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML925J40F-16 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI LASER DIODES
ML9XX40 SERIES
Notice : Some parametric limits are subject to change
2.5Gbps
InGaAsP DFB LASER DIODE
Feb. 2005
MITSUBISHI
ELECTRIC
<*4> Peak Wavelength
Limits
Type
Symbol
Test Condition
Min.
Typ.
Max.
Unit
ML925B40F-01 / ML920J40S-01
ML925J40F-01 / ML920L40S-01
CW, Po=5mW
Tc= 0 to 85ºC
1530
1550
1570
ML925B40F-04 / ML920J40S-04
ML925J40F-04 / ML920L40S-04
1467
1470
1473
ML925B40F-05 / ML920J40S-05
ML925J40F-05 / ML920L40S-05
1487
1490
1493
ML925B40F-06 / ML920J40S-06
ML925J40F-06 / ML920L40S-06
1507
1510
1513
ML925B40F-07 / ML920J40S-07
ML925J40F-07 / ML920L40S-07
1527
1530
1533
ML925B40F-08 / ML920J40S-08
ML925J40F-08 / ML920L40S-08
1547
1550
1553
ML925B40F-09 / ML920J40S-09
ML925J40F-09 / ML920L40S-09
1567
1570
1573
ML925B40F-10 / ML920J40S-10
ML925J40F-10 / ML920L40S-10
1587
1590
1593
ML925B40F-11 / ML920J40S-11
ML925J40F-11 / ML920L40S-11
λp
CW, Po=5mW
Tc= 25ºC
1607
1610
1613
nm
<*5> Peak Wavelength
Limits
Type
Symbol
Test Condition
Min.
Typ.
Max.
Unit
ML925B40F-12 / ML920J40S-12
ML925J40F-12 / ML920L40S-12
1468
1470
1472
ML925B40F-13 / ML920J40S-13
ML925J40F-13 / ML920L40S-13
1488
1490
1492
ML925B40F-14 / ML920J40S-14
ML925J40F-14 / ML920L40S-14
1508
1510
1512
ML925B40F-15 / ML920J40S-15
ML925J40F-15 / ML920L40S-15
1528
1530
1532
ML925B40F-16 / ML920J40S-16
ML925J40F-16 / ML920L40S-16
1548
1550
1552
ML925B40F-17 / ML920J40S-17
ML925J40F-17 / ML920L40S-17
1568
1570
1572
ML925B40F-18 / ML920J40S-18
ML925J40F-18 / ML920L40S-18
1588
1590
1592
ML925B40F-19 / ML920J40S-19
ML925J40F-19 / ML920L40S-19
λp
CW, Po=5mW
Tc= 25ºC
1608
1610
1612
nm


Similar Part No. - ML925J40F-16

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML925J43F MITSUBISHI-ML925J43F Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
More results

Similar Description - ML925J40F-16

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML9XX43 MITSUBISHI-ML9XX43 Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX34 MITSUBISHI-ML7XX34 Datasheet
212Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML7XX32 MITSUBISHI-ML7XX32 Datasheet
71Kb / 2P
   10Gbps InGaAsP DFB LASER DIODE
ML9XX37 MITSUBISHI-ML9XX37 Datasheet
64Kb / 2P
   High Power InGaAsP DFB LASER DIODE
ML9XX16 MITSUBISHI-ML9XX16 Datasheet
167Kb / 3P
   InGaAsP DFB LASER DIODES
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com