Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1275 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT1275
Description  Boost Converter with USB Power Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1275 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT1275 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1275 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1275 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1275 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1275 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1275 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1275 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1275 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1275 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings
Thermal Characteristics1
Symbol
Description
Value
Units
θJA
Maximum Thermal Resistance
TSOPJW-12
110
°C/W
TDFN34-16
50
PD
Maximum Power Dissipation @ TA = 25°C
TSOPJW-12
909
mW
TDFN34-16
2.0
W
Symbol
Description
Value
Units
VCC, IN, OUT
IN, OUTx to GND
6.0
V
SW
SW to GND
-0.3 to VOUT + 0.3
V
LIN, FB
LIN, FB to GND
-0.3 to VIN + 0.3
V
EN, SET, FLT
EN, SET, FLT to GND
-0.3 to 6.0
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT1275
Boost Converter with USB Power Switch
1275.2007.01.1.3
3
1. Mounted on a FR4 board.


Similar Part No. - AAT1275

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
logo
Skyworks Solutions Inc.
AAT1275 SKYWORKS-AAT1275 Datasheet
1Mb / 19P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1275IRN-5.0-T1 ANALOGICTECH-AAT1275IRN-5.0-T1 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
logo
Skyworks Solutions Inc.
AAT1275IRN-5.0-T1 SKYWORKS-AAT1275IRN-5.0-T1 Datasheet
1Mb / 19P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1275ITP-5.0-T1 ANALOGICTECH-AAT1275ITP-5.0-T1 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
More results

Similar Description - AAT1275

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1276 SKYWORKS-AAT1276 Datasheet
797Kb / 18P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275_08 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
logo
Skyworks Solutions Inc.
AAT1275 SKYWORKS-AAT1275 Datasheet
1Mb / 19P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1276 ANALOGICTECH-AAT1276 Datasheet
371Kb / 18P
   Boost Converter with USB Power Switch
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Advanced Monolithic Sys...
AMS6104 AMS-AMS6104 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com