Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML920L22S-04 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # ML920L22S-04
Description  InGaAsP DFB LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML920L22S-04 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  ML920L22S-04 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML920L22S-04 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML920L22S-04 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI LASER DIODES
ML9XX11,ML9XX16,ML9XX22 SERIES
Notice : Some parametric limits are subject to change
InGaAsP DFB LASER DIODES
Dec. 2004
MITSUBISHI
ELECTRIC
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25ºC otherwise specified)
[Aspherical lens cap ; ML925J11F/ML925J16F/ML925J22F/ ML920L11S/ML920L16S/ ML920L22S]
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CW
---
8
15
Ith
Threshold current
CW, Tc=85
ºC
---
30
50
mA
CW, Po=5mW
---
25
40
Iop
Operation current
CW, Po=5mW, Tc=85
ºC
---
60
80
mA
Vop
Operating voltage
CW, Po=5mW
---
1.1
1.5
V
η
Slope efficiency
CW, Po=5mW
0.20
0.28
---
mW/mA
λp
Peak wavelength
CW, Po=5mW
<**>
nm
SMSR
Side mode suppression ratio
CW, Po=5mW
Tc= 0 to +85
ºC
35
40
---
dB
Pf
Fiber coupling power
CW, Po=5mW, SMF
1.5
2.0
---
mW
Df
Focul length
CW, Po=5mW, SMF
6.5
7.5
8.5
mm
tr,tf
Rise and Fall time
Ib=Ith, 20-80% <*>
---
0.1
0.2
ns
Im
Monitoring output current (PD)
CW, Po=5mW
0.05
0.2
---
mA
Id
Dark current (PD)
VRD=5V
---
---
0.1
µA
Ct
Capacitance (PD)
VRD=5V
---
10
20
pF
<*> Except influence of the 18mm lead.
<**> Peak wavelength
Limits
Type
Symb
ol
Test
condition
Min.
Typ.
Max.
Unit
ML925B16F-04 / ML920J16S-04 / ML925J16F-04 / ML920L16S-04
1467
1470
1473
ML925B16F-05 / ML920J16S-05 / ML925J16F-05 / ML920L16S-05
1487
1490
1493
ML925B11F-04 / ML920J11S-04 / ML925J11F-04 / ML920L11S-04
1507
1510
1513
ML925B11F-05 / ML920J11S-05 / ML925J11F-05 / ML920L11S-05
1527
1530
1533
ML925B11F-06 / ML920J11S-06 / ML925J11F-06 / ML920L11S-06
1547
1550
1553
ML925B22F-04 / ML920J22S-04 / ML925J22F-04 / ML920L22S-04
1567
1570
1573
ML925B22F-05 / ML920J22S-05 / ML925J22F-05 / ML920L22S-05
1587
1590
1593
ML925B22F-06 / ML920J22S-06 / ML925J22F-06 / ML920L22S-06
λp
CW
Po=5mW
Tc=25
ºC
1607
1610
1613
nm


Similar Part No. - ML920L22S-04

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML920L11S MITSUBISHI-ML920L11S Datasheet
178Kb / 4P
   Notice : Some parametric limits are subject to change InGaAsP DFB LASER DIODES
ML920L40S MITSUBISHI-ML920L40S Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML920L40S-01 MITSUBISHI-ML920L40S-01 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML920L40S-04 MITSUBISHI-ML920L40S-04 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML920L40S-05 MITSUBISHI-ML920L40S-05 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
More results

Similar Description - ML920L22S-04

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML7XX11 MITSUBISHI-ML7XX11 Datasheet
144Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES?
ML9XX12 MITSUBISHI-ML9XX12 Datasheet
138Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
ML9XX11 MITSUBISHI-ML9XX11 Datasheet
145Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
ML7XX4 MITSUBISHI-ML7XX4 Datasheet
112Kb / 3P
   InGaAsP-MQW-DFB LASER DIODES???
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML7XX32 MITSUBISHI-ML7XX32 Datasheet
71Kb / 2P
   10Gbps InGaAsP DFB LASER DIODE
ML9XX40 MITSUBISHI-ML9XX40 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX43 MITSUBISHI-ML9XX43 Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com