Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ML925B22F-04 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. ML925B22F-04
Description  InGaAsP DFB LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 2 page
background image
MITSUBISHI LASER DIODES
ML9XX11,ML9XX16,ML9XX22 SERIES
Notice : Some parametric limits are subject to change
InGaAsP DFB LASER DIODES
Dec. 2004
MITSUBISHI
ELECTRIC
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25ºC otherwise specified)
[Aspherical lens cap ; ML925J11F/ML925J16F/ML925J22F/ ML920L11S/ML920L16S/ ML920L22S]
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CW
---
8
15
Ith
Threshold current
CW, Tc=85
ºC
---
30
50
mA
CW, Po=5mW
---
25
40
Iop
Operation current
CW, Po=5mW, Tc=85
ºC
---
60
80
mA
Vop
Operating voltage
CW, Po=5mW
---
1.1
1.5
V
η
Slope efficiency
CW, Po=5mW
0.20
0.28
---
mW/mA
λp
Peak wavelength
CW, Po=5mW
<**>
nm
SMSR
Side mode suppression ratio
CW, Po=5mW
Tc= 0 to +85
ºC
35
40
---
dB
Pf
Fiber coupling power
CW, Po=5mW, SMF
1.5
2.0
---
mW
Df
Focul length
CW, Po=5mW, SMF
6.5
7.5
8.5
mm
tr,tf
Rise and Fall time
Ib=Ith, 20-80% <*>
---
0.1
0.2
ns
Im
Monitoring output current (PD)
CW, Po=5mW
0.05
0.2
---
mA
Id
Dark current (PD)
VRD=5V
---
---
0.1
µA
Ct
Capacitance (PD)
VRD=5V
---
10
20
pF
<*> Except influence of the 18mm lead.
<**> Peak wavelength
Limits
Type
Symb
ol
Test
condition
Min.
Typ.
Max.
Unit
ML925B16F-04 / ML920J16S-04 / ML925J16F-04 / ML920L16S-04
1467
1470
1473
ML925B16F-05 / ML920J16S-05 / ML925J16F-05 / ML920L16S-05
1487
1490
1493
ML925B11F-04 / ML920J11S-04 / ML925J11F-04 / ML920L11S-04
1507
1510
1513
ML925B11F-05 / ML920J11S-05 / ML925J11F-05 / ML920L11S-05
1527
1530
1533
ML925B11F-06 / ML920J11S-06 / ML925J11F-06 / ML920L11S-06
1547
1550
1553
ML925B22F-04 / ML920J22S-04 / ML925J22F-04 / ML920L22S-04
1567
1570
1573
ML925B22F-05 / ML920J22S-05 / ML925J22F-05 / ML920L22S-05
1587
1590
1593
ML925B22F-06 / ML920J22S-06 / ML925J22F-06 / ML920L22S-06
λp
CW
Po=5mW
Tc=25
ºC
1607
1610
1613
nm




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML725B11FMITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES 1 2 3 4 Mitsubishi Electric Semiconductor
ML7XX16_02MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE 1 2 3 Mitsubishi Electric Semiconductor
ML9XX11_04Notice : Some parametric limits are subject to change InGaAsP DFB LASER DIODES 1 2 3 4 Mitsubishi Electric Semiconductor
NX63011310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 1 2 3 4 California Eastern Labs
NX63061310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX63071310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX65041550 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS 1 2 3 4 California Eastern Labs
ML7XX3210Gbps InGaAsP DFB LASER DIODE 1 2 Mitsubishi Electric Semiconductor
ML7XX19MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES 1 2 3 4 Mitsubishi Electric Semiconductor
ML7XX342.5Gbps InGaAsP DFB LASER DIODE 1 2 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl