Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07H4047M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA07H4047M
Description  RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H4047M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA07H4047M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANT
RA07H4047M
RA07H4047M
MITSUBISHI ELECTRIC
24 Jan 2006
4/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
0
2
4
6
8
10
12
14
16
2
2.533.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
8
Pout
f=400MHz,
VDD=12.5V,
Pin=20mW
IDD
0
3
6
9
12
15
18
24
68
10
12
DRAIN VOLTAGE VDD(V)
0
2
4
6
Pout
IDD
f=450MHz,
VGG=3.5V,
Pin=20mW
0
2
4
6
8
10
12
14
16
22.533.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
8
Pout
IDD
f=430MHz,
VDD=12.5V,
Pin=20mW
0
2
4
6
8
10
12
14
16
2
2.533.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
8
Pout
IDD
f=450MHz,
VDD=12.5V,
Pin=20mW
0
3
6
9
12
15
18
2
4
6
8
10
12
DRAIN VOLTAGE VDD(V)
0
2
4
6
Pout
IDD
f=470MHz,
VGG=3.5V,
Pin=20mW
0
2
4
6
8
10
12
14
16
22.533.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
8
Pout
IDD
f=470MHz,
VDD=12.5V,
Pin=20mW


Similar Part No. - RA07H4047M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
66Kb / 9P
   400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M-01 MITSUBISHI-RA07H4047M-01 Datasheet
66Kb / 9P
   400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
RA07H4047M-101 MITSUBISHI-RA07H4047M-101 Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M-101 MITSUBISHI-RA07H4047M-101 Datasheet
112Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA07H4047M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H4047M MITSUBISHI-RA07H4047M_10 Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_10 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_06 Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
66Kb / 9P
   400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_06 Datasheet
243Kb / 8P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com