Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ML9XX11_04 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. ML9XX11_04
Description  Notice : Some parametric limits are subject to change InGaAsP DFB LASER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 3 page
background image
MITSUBISHI LASER DIODES
ML9XX11 SERIES
Notice : Some parametric limits are subject to change
InGaAsP DFB LASER DIODES
Dec. 2004
MITSUBISHI
ELECTRIC
OUTLINE DRAWINGS
ML925AA11F
ML920AA11S
Dimension : mm
(1)
φ2.0±0.01
φ3.55±0.1
φ5.6 -0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.25
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
(Dimension:mm)
ML925AA11F
Case
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
PD
LD
Pin Connection
( Top view )
Case
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
PD
LD
ML920AA11S
ML925B11F
ML920J11S
Dimension : mm
(1)
φ1.0Min.
φ2.0Min.
φ3.55±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.25
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
ML925B11F
Case
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
PD
LD
Pin Connection
( Top view )
Case
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
PD
LD
ML920J11S




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML725B11FMITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES 1 2 3 4 Mitsubishi Electric Semiconductor
ML7XX16_02MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE 1 2 3 Mitsubishi Electric Semiconductor
ML7XX19MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES 1 2 3 4 Mitsubishi Electric Semiconductor
ML7XX3210Gbps InGaAsP DFB LASER DIODE 1 2 Mitsubishi Electric Semiconductor
ML7XX451310nm InGaAsP FP LASER DIODES 1 2 3 Mitsubishi Electric Semiconductor
ML7XX342.5Gbps InGaAsP DFB LASER DIODE 1 2 Mitsubishi Electric Semiconductor
NX63011310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 1 2 3 4 California Eastern Labs
NX63061310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX63071310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX65041550 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS 1 2 3 4 California Eastern Labs

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl