Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML720J45S Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # ML720J45S
Description  1310nm InGaAsP FP LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML720J45S Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  ML720J45S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML720J45S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML720J45S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ML720J45S
ML725B45F
ML720K45S
ML725C45F
MITSUBISHI
ELECTRIC
May 2004
MITSUBISHI LASER DIODES
ML7xx45 SERIES
1310nm InGaAsP FP LASER DIODES
OUTLINE DRAWINGS
Dimension : mm
Dimension : mm
Case
(1)
(2)
(3)
(4)
PD
LD
Pin Connection
( Top view )
ML720K45S
ML725C45F
Case
(1)
(2)
(3)
(4)
PD
LD
Case
(1)
(2)
(3)
(4)
PD
LD
Pin Connection
( Top view )
ML720J45S
ML725B45F
Case
(1)
(2)
(3)
(4)
PD
LD
(1)
φ1.0Min.
φ1.5Min.
φ3.55±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.25
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
(1)
φ1.5±0.005
φ3.55±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.25
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)


Similar Part No. - ML720J45S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML720J11S MITSUBISHI-ML720J11S Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML720J16S MITSUBISHI-ML720J16S Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML720J19S MITSUBISHI-ML720J19S Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
ML720J34S MITSUBISHI-ML720J34S Datasheet
212Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML720J8S MITSUBISHI-ML720J8S Datasheet
163Kb / 3P
   InGaAsP-MQW-FP LASER DIODES
More results

Similar Description - ML720J45S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX19 MITSUBISHI-ML7XX19 Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
ML7XX8 MITSUBISHI-ML7XX8 Datasheet
163Kb / 3P
   InGaAsP-MQW-FP LASER DIODES
ML920J45S MITSUBISHI-ML920J45S Datasheet
199Kb / 3P
   1550,1520nm InGaAsP FP LASER DIODES
ML9XX6 MITSUBISHI-ML9XX6 Datasheet
118Kb / 3P
   InGaAsP-MQW-FP LASER DIODES?
ML7XX12 MITSUBISHI-ML7XX12 Datasheet
74Kb / 2P
   InGaAsP-MQW-FP LASER DIODES ARRATS
logo
Hitachi Semiconductor
HL1326MF HITACHI-HL1326MF Datasheet
40Kb / 7P
   InGaAsP Laser Diodes
logo
Finisar Corporation.
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
logo
Mitsubishi Electric Sem...
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML9XX16 MITSUBISHI-ML9XX16 Datasheet
167Kb / 3P
   InGaAsP DFB LASER DIODES
ML7XX11 MITSUBISHI-ML7XX11 Datasheet
144Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com