Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML720J34S Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # ML720J34S
Description  2.5Gbps InGaAsP DFB LASER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML720J34S Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML720J34S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML720J34S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUBISHI LASER DIODES
ML7XX34 SERIES
Notice : Some parametric limits are subject to change
2.5Gbps
InGaAsP DFB LASER DIODE
Oct. 2005
MITSUBISHI
ELECTRIC
TYPE
NAME
DESCRIPTION
ML7XX34 series are uncooled DFB (Distributed Feedback) laser
diodes for 2.5Gbps transmission emitting light beam at 1310nm.
ML7XX34 can operate in the wide temperature range from -40oC to
95 oC without any temperature control.
APPLICATION
2.5Gbps transmission
FEATURES
· Wide temperature range operation (-40oC to 95oC)
· High side-mode-suppression-ratio (typical 40dB)
· High resonance frequency (typical 11GHz)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Ratings
Unit
Po
Output power
CW
10
mW
If
Forward current (Laser diode)
---
150
mA
VRL
Reverse voltage (Laser diode)
---
2
V
IFD
Forward current (Photo diode)
---
2
mA
VRD
Reverse voltage (Photo diode)
---
20
V
Tc
Case temperature
---
-40 to +95
ºC
Tstg
Storage temperature
---
-40 to +100
ºC
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25ºC)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
CW
---
7
12
Ith
Threshold current
CW, Tc=95
ºC
---
30
40
mA
CW, Po=5mW
---
24
40
Iop
Operation current
CW, Po=5mW , Tc=95
ºC
---
60
75
mA
Vop
Operating voltage
CW, Po=5mW
---
1.1
1.5
V
η
Slope efficiency
CW, Po=5mW
0.30
0.36
---
mW/mA
λp
Peak wavelength
CW, Po=5mW, Tc=-40 to 95
ºC
1290 1310 1330
nm
SMSR
Side mode suppression ratio
CW, Po=5mW, Tc=-40 to 95
ºC
35
40
---
dB
θ //
Beam divergence angle (parallel) <*1>
CW, Po=5mW
---
30
---
deg.
θ
(perpendicular) <*1>
CW, Po=5mW
---
35
---
deg.
fr
Resonance frequency
2.48832Gbps,Ib=Ith, Ipp=40mA
---
11
---
GHz
tr,tf
Rise and Fall time <*2>
2.48832Gbps,Ib=Ith, Ipp=40mA
20%-80%
---
80
120
ps
Im
Monitoring output current (PD)
CW, Po=5mW,VRD=1V,RL=10
0.05
0.3
2.0
mA
Id
Dark current (PD)
VRD=5V
---
---
0.1
µA
Ct
Capacitance (PD)
VRD=5V
---
10
20
pF
<*1> Beam divergence is not applied to ML725J34F and ML720L34S.
<*2> Except influence of the 18mm lead.
ML725B34F / ML720J34S
ML725J34F / ML720L34S
PRELIMINARY
Notice: This is not a final specification


Similar Part No. - ML720J34S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML720J11S MITSUBISHI-ML720J11S Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML720J16S MITSUBISHI-ML720J16S Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML720J19S MITSUBISHI-ML720J19S Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
ML720J45S MITSUBISHI-ML720J45S Datasheet
199Kb / 3P
   1310nm InGaAsP FP LASER DIODES
ML720J8S MITSUBISHI-ML720J8S Datasheet
163Kb / 3P
   InGaAsP-MQW-FP LASER DIODES
More results

Similar Description - ML720J34S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML9XX40 MITSUBISHI-ML9XX40 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX43 MITSUBISHI-ML9XX43 Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML7XX32 MITSUBISHI-ML7XX32 Datasheet
71Kb / 2P
   10Gbps InGaAsP DFB LASER DIODE
ML9XX37 MITSUBISHI-ML9XX37 Datasheet
64Kb / 2P
   High Power InGaAsP DFB LASER DIODE
ML9XX16 MITSUBISHI-ML9XX16 Datasheet
167Kb / 3P
   InGaAsP DFB LASER DIODES
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com