Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7XX19 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # ML7XX19
Description  MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML7XX19 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  ML7XX19 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML7XX19 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML7XX19 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML7XX19 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-60
-40
-20
0
20
40
60
Angle (°)
θ⊥
θ//
Po=5mW
Tc=25°C
-80
-70
-60
-50
-40
-30
1295
1305
1315
1325
1335
1345
Wavelength (nm)
Po=5mW, CW
Tc=25°C
0
2
4
6
8
10
0
10
20
30
40
50
60
Forward current If (mA)
25°C
50°C
75°C
85°C
ML7xx19 SERIES
MITSUBISHI LASER DIODES
1310nm InGaAsP FP LASER DIODE
TYPICAL CHARACTERISTICS
Fig. 1 Light output v.s. forward current
Fig. 2 Spectrum
Fig. 3 Far field pattern


Similar Part No. - ML7XX19

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX10 MITSUBISHI-ML7XX10 Datasheet
91Kb / 3P
   InGaAsP-MQW HIGH POWER LASER DIODES
ML7XX11 MITSUBISHI-ML7XX11 Datasheet
144Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES?
ML7XX12 MITSUBISHI-ML7XX12 Datasheet
74Kb / 2P
   InGaAsP-MQW-FP LASER DIODES ARRATS
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
More results

Similar Description - ML7XX19

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX45 MITSUBISHI-ML7XX45 Datasheet
199Kb / 3P
   1310nm InGaAsP FP LASER DIODES
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML7XX8 MITSUBISHI-ML7XX8 Datasheet
163Kb / 3P
   InGaAsP-MQW-FP LASER DIODES
ML920J45S MITSUBISHI-ML920J45S Datasheet
199Kb / 3P
   1550,1520nm InGaAsP FP LASER DIODES
ML9XX6 MITSUBISHI-ML9XX6 Datasheet
118Kb / 3P
   InGaAsP-MQW-FP LASER DIODES?
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML7XX12 MITSUBISHI-ML7XX12 Datasheet
74Kb / 2P
   InGaAsP-MQW-FP LASER DIODES ARRATS
ML7XX2 MITSUBISHI-ML7XX2 Datasheet
193Kb / 6P
   MITSUBISHI LASER DIODES
ML101J18 MITSUBISHI-ML101J18 Datasheet
74Kb / 3P
   MITSUBISHI LASER DIODES
logo
Hitachi Semiconductor
HL1326MF HITACHI-HL1326MF Datasheet
40Kb / 7P
   InGaAsP Laser Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com