Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5421P2 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NDL5421P2
Description  1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL5421P2 Datasheet(HTML) 3 Page - California Eastern Labs

  NDL5421P2 Datasheet HTML 1Page - California Eastern Labs NDL5421P2 Datasheet HTML 2Page - California Eastern Labs NDL5421P2 Datasheet HTML 3Page - California Eastern Labs NDL5421P2 Datasheet HTML 4Page - California Eastern Labs NDL5421P2 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NDL5421P SERIES
REVERSE VOLTAGE DEPENDENCE
OF TERMINAL CAPACITANCE
Reverse Voltage, VR (V)
2
0.3
0.5
1
10
3
1
0.3
0.1
f = 1.0 MHz
FREQUENCY RESPONSE
Frequency, f (GHz)
VR = 5 V
λ = 1300 nm
PIN = -10dB
RL = 50
0
5.0
2.5
12
9
6
3
0
-3
-6
-9
-12
-15
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
PART NUMBER AVAILABLE CONNECTOR
DESCRIPTION
NDL5421P
Without Connector
GI-50/125
No Flange
NDL5421PC
With FC-PC Connector
NDL5421PD
With SC-PC Connector
NDL5421PS
Without Connector
SM-9/125
NDL5421PSC
With FC-PC Connector
NDL5421PSD
With SC-PC Connector
NDL5421P1
Without Connector
GI-50/125
Flat Mount
NDL5421P1C
With FC-PC Connector
Flange
NDL5421P1D
With SC-PC Connector
NDL5421PS1
Without Connector
SM-9/125
NDL5421P1SC
With FC-PC Connector
NDL5421P1SD
With SC-PC Connector
NDL5421P2
Without Connector
GI-50/125
Vertical
NDL5421P2C
With FC-PC Connector
Flange
NDL5421P2D
With SC-PC Connector
NDL5421PS2
Without Connector
SM-9/125
NDL5421P2SC
With FC-PC Connector
NDL5421P2SD
With SC-PC Connector
ORDERING INFORMATION


Similar Part No. - NDL5421P2

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5421P2 NEC-NDL5421P2 Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5421P2 NEC-NDL5421P2 Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5421P2 NEC-NDL5421P2 Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5421P2 RENESAS-NDL5421P2 Datasheet
195Kb / 10P
   PHOTO DIODE
1995
logo
NEC
NDL5421P2C NEC-NDL5421P2C Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
More results

Similar Description - NDL5421P2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com