Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5461P1C Datasheet(PDF) 4 Page - California Eastern Labs

Part # NDL5461P1C
Description  1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL5461P1C Datasheet(HTML) 4 Page - California Eastern Labs

  NDL5461P1C Datasheet HTML 1Page - California Eastern Labs NDL5461P1C Datasheet HTML 2Page - California Eastern Labs NDL5461P1C Datasheet HTML 3Page - California Eastern Labs NDL5461P1C Datasheet HTML 4Page - California Eastern Labs NDL5461P1C Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NDL5461P SERIES
NDL5461P1
NDL5461P
NDL5461P2
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTIONS
1. Anode (Negative)
2. Cathode (Positive)
3. Case
φ2.5
φ2.2 (2 places)
φ2.0
Optical Fiber
GI-50/125
Length: 1 m MIN
Shrunk Tube
30.0 MAX
1.5
12.5 MIN
6.9
±0.3
3.9
±0.5
4.0
±0.3
7.0
±0.3
18.0
±0.1
14.0
±0.1
4.0
±0.1
3
1
2
1
3
2
+0.0
- 0.1
φ6.0
PART NUMBER AVAILABLE CONNECTOR
DESCRIPTION
NDL5461P
Without Connector
GI-50/125
No Flange
NDL5461PC
With FC-PC Connector
NDL5461PD
With SC-PC Connector
NDL5461PS
Without Connector
SM-9/125
NDL5461PSC
With FC-PC Connector
NDL5461PSD
With SC-PC Connector
NDL5461P1
Without Connector
GI-50/125
Flat Mount
NDL5461P1C
With FC-PC Connector
Flange
NDL5461P1D
With SC-PC Connector
NDL5461P1S
Without Connector
SM-9/125
NDL5461P1SC
With FC-PC Connector
NDL5461P1SD
With SC-PC Connector
NDL5461P2
Without Connector
GI-50/125
Vertical
NDL5461P2C
With FC-PC Connector
Flange
NDL5461P2D
With SC-PC Connector
NDL5461P2S
Without Connector
SM-9/125
NDL5461P2SC
With FC-PC Connector
NDL5461P2SD
With SC-PC Connector
ORDERING INFORMATION
φ2.5
φ0.45
φ2.0
Optical Fiber
GI-50/125
Length: 1 m MIN
Shrunk Tube
+0.0
- 0.1
6.0
+0.0
- 0.1
φ6.0
30.0 MAX
12.5 MIN
6.9
±0.3
3.0
±0.3
3
1
2
φ2.5
φ2.0
φ2.5 (2 places)
Optical Fiber
GI-50/125
Length: 1 m MIN
Shrunk Tube
+0.0
- 0.1
φ6.0
30.0 MAX
12.5 MIN
2.5
±0.1
0.5
±0.1
3
1
2
12.0
±0.1
7.0
±0.15
16.0
±0.2


Similar Part No. - NDL5461P1C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5461P1C NEC-NDL5461P1C Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
More results

Similar Description - NDL5461P1C

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
logo
California Eastern Labs
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com