Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5551PD Datasheet(PDF) 2 Page - California Eastern Labs

Part # NDL5551PD
Description  1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL5551PD Datasheet(HTML) 2 Page - California Eastern Labs

  NDL5551PD Datasheet HTML 1Page - California Eastern Labs NDL5551PD Datasheet HTML 2Page - California Eastern Labs NDL5551PD Datasheet HTML 3Page - California Eastern Labs NDL5551PD Datasheet HTML 4Page - California Eastern Labs NDL5551PD Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DARK CURRENT vs.
REVERSE VOLTAGE
ABSOLUTE MAXIMUM RATINGS1
(TC = 25
°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IF
Forward Current
mA
10
IR
Reverse Current
mA
0.5
TC
Operating Case Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
WAVELENGTH DEPENDENCE OF
QUANTUM EFFICIENCY
Operating Case Temperature, TC (
°C)
Reverse Voltage, VR (V)
DARK CURRENT AND PHOTO
CURRENT VS. REVERSE VOLTAGE
Wavelength,
λ (µm)
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
TEMPERATURE DEPENDENCE OF
RESPONSIVITY
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NDL5551P SERIES
100
80
60
40
20
0
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
λ = 1300 nm
-60
-40
-20
0
20
40
60
80
100
-10
0
10
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
10
-9
10
-10
020
80
60
40
100
ID
lph
λ = 1300 nm
IPO = 1.0
µA
TC = 25
°C
Reverse Voltage, VR (V)
10
-6
10
-7
10
-8
10
-9
10
-10
0
20406080
100
TC = 85
°C
TC = 65
°C
TC = 25
°C
TC = -20
°C


Similar Part No. - NDL5551PD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5551PD NEC-NDL5551PD Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5551PD RENESAS-NDL5551PD Datasheet
204Kb / 10P
   PHOTO DIODE
1994
More results

Similar Description - NDL5551PD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com