Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5531P1 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NDL5531P1
Description  1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL5531P1 Datasheet(HTML) 1 Page - California Eastern Labs

  NDL5531P1 Datasheet HTML 1Page - California Eastern Labs NDL5531P1 Datasheet HTML 2Page - California Eastern Labs NDL5531P1 Datasheet HTML 3Page - California Eastern Labs NDL5531P1 Datasheet HTML 4Page - California Eastern Labs NDL5531P1 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1000 to 1600 nm OPTICAL
FIBER COMMUNICATIONS
φ30 µm InGaAs
AVALANCHE PHOTO DIODE MODULE
NDL5531P
SERIES
FEATURES
• SMALL DARK CURRENT:
ID = 5 nA
• SMALL TERMINAL CAPACITANCE:
CT = 0.35 pF at 0.9 V(BR)R
• HIGH QUANTUM EFFICIENCY:
η = 90% at λ = 1 300 nm, M = 1
η = 77% at λ = 1 550 nm, M = 1
• HIGH SPEED RESPONSE:
fc = 2.5 GHz at M = 10
• DETECTING AREA SIZE:
φ30 µm
• COAXIAL MODULE WITH SINGLE MODE FIBER
(SM-9/125)
The NDL5531P Series is an InGaAs avalanche photo diode
module with single mode fiber. It is designed for detectors of
long wavelength transmission systems. The series covers the
wavelength range between 1000 and 1600 nm.
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NDL5531P Series
PACKAGE OUTLINE
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
V(BR)R
Reverse Breakdown Voltage, ID = 100
µA
V
50
70
100
δ
Temperature Coefficient of Reverse Breakdown
Voltage1
%/
°C
0.2
ID
Dark Current, VR = V(BR)R x 0.9
nA
5
25
IDM
Multiplied Dark Current, M = 2 to 10
nA
1
5
Ct
Terminal Capacitance, VR = V(BR)R x 0.9, f = 1 MHz
pF
0.35
0.60
fC
Cut-off Frequency, M = 10
GHz
2.5
η
Quantum Efficiency,
λ = 1 300 nm, M = 1
%
76
90
λ = 1 550 nm, M = 1
65
77
S
Responsivity,
λ = 1 300 nm, M = 1
A/W
0.80
0.94
λ = 1 550 nm, M = 1
0.81
0.96
M
Multiplication Factor,
λ = 1 300 nm, IPO = 1.0 µA,
VR = V (at ID = 1
µA)
M
30
40
X
Excess Noise Factor2,
λ = 1 300 nm, 1 550 nm,
0.7
FIPO = 1.0
µA, M = 10, f = 35 MHz, B = 1 MHz
5
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C)
V(BR)R < 25
°C + ∆T°C > - V(BR)R < 25°C>
Note: 1.
δ =
∆T°C > - V(BR)R < 25°C>
2. F = MX


Similar Part No. - NDL5531P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5531P1 NEC-NDL5531P1 Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5531P1 NEC-NDL5531P1 Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5531P1 RENESAS-NDL5531P1 Datasheet
203Kb / 10P
   PHOTO DIODE
1996
logo
NEC
NDL5531P1C NEC-NDL5531P1C Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5531P1C RENESAS-NDL5531P1C Datasheet
203Kb / 10P
   PHOTO DIODE
1996
More results

Similar Description - NDL5531P1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
logo
NEC
NDL5102P NEC-NDL5102P Datasheet
58Kb / 2P
   1300nm OPTICAL FIBER COMMUNICATIONS pi=30um GERMANIUM AVALANCHE PHOTO DIODE MODULE
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com