Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-7834-KC Datasheet(PDF) 2 Page - California Eastern Labs

Part # MC-7834-KC
Description  NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7834-KC Datasheet(HTML) 2 Page - California Eastern Labs

  MC-7834-KC Datasheet HTML 1Page - California Eastern Labs MC-7834-KC Datasheet HTML 2Page - California Eastern Labs MC-7834-KC Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC-7834-KC
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these prod
ucts can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do
so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
ABSOLUTE
MAXIMUM RATINGS1 (TCASE= 30 °C)
SYMBOLS
PARAMETERS
UNITS RATINGS
VDD
Supply Voltage
V
30
VI
Input Voltage2
dBmV
65
TC
Operating Case Temperature °C
-30 to +100
TSTG
Storage Temperature
°C
-40 to +100
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Maximum single channel power applied to the input for 1 minute
with no measurable degradation in performance.
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VDD
Supply Voltage
V
MC-7834-KC
23.5 24.0 24.5
Vi
Input Voltage1
dBmV
MC-7834-KC
– 21.0 27.5
TC
Operating Case
°C
Temperature
MC-7834-KC
-30 +25 +85
RECOMMENDED
OPERATING CONDITIONS (Zs = ZL= 75Ω)
Note:
1. Test Conditions: 110 Channels, Flat
PART NUMBER
PACKAGE
QUANTITY
MC-7834-KC-AZ 7-pin special with heatsink 25 pcs max/ Tray
(Pb-Free)
ORDERING INFORMATION
1. The space between PC board and root of the lead should be kept
more than 1 mm to prevent undesired stress on the lead and also
should be kept less than 4 mm to prevent undesired parasitic
inductance.
Recommended space is 2.0 to 3.0 mm typical.
2. Recommended torque strength of the screw is 59 to 78 Ncm.
3. Form the ground pattern as wide as possible to minimize ground
impedance. (to prevent undesired oscillation)
All the ground pins must be connected together with wide ground
pattern to decrease impedance difference.
NOTES ON CORRECT USE
This product should be soldered in the following recommended
conditions. Other soldering methods and conditions than the recom-
mended conditions are to be consulted with our sales representa-
tives.
RECOMMENDED SOLDERING CONDITIONS
Soldering
Soldering
Condition
Method
Conditions
Symbol
Pin Part Heating Pin area temperature: less
than 260°C1
Hour: Within 2 sec./pin
Note.
1. The point of pin part heating must be kept at a distance of more
than 1.2 mm from the root of lead.
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.


Similar Part No. - MC-7834-KC

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
More results

Similar Description - MC-7834-KC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7847-KC CEL-MC-7847-KC_07 Datasheet
229Kb / 3P
   NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7831-HA CEL-MC-7831-HA Datasheet
260Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com