Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP45NQ10T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PHP45NQ10T
Description  N-channel TrenchMOS transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP45NQ10T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PHP45NQ10T Datasheet HTML 3Page - NXP Semiconductors PHP45NQ10T Datasheet HTML 4Page - NXP Semiconductors PHP45NQ10T Datasheet HTML 5Page - NXP Semiconductors PHP45NQ10T Datasheet HTML 6Page - NXP Semiconductors PHP45NQ10T Datasheet HTML 7Page - NXP Semiconductors PHP45NQ10T Datasheet HTML 8Page - NXP Semiconductors PHP45NQ10T Datasheet HTML 9Page - NXP Semiconductors PHP45NQ10T Datasheet HTML 10Page - NXP Semiconductors PHP45NQ10T Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHB45NQ10T, PHP45NQ10T
PHW45NQ10T
MECHANICAL DATA
Fig.19. SOT429; pin 2 connected to mounting base
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent
damage to MOS gate oxide.
2. Refer to mounting instructions for SOT429 envelope.
3. Epoxy meets UL94 V0 at 1/8".
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT429
TO-247
98-04-07
99-08-04
0
10
20 mm
scale
Plastic single-ended through-hole package; heatsink mounted; 1 mounting hole; 3-lead TO-247
SOT429
E
P
A
A1
β
w M
b
12
3
e
e
b1
b2
c
Q
q
L
Y
R
D
S
L1
(1)
α
UNIT
A1
D
b
E
e
w
S
R
q
Q
P
LY
b2
b1
c
L1
(1)
DIMENSIONS (mm are the original dimensions)
A
β
α
mm
17
°
13
°
6
°
4
°
5.3
4.7
1.9
1.7
2.2
1.8
1.2
0.9
3.2
2.8
0.9
0.6
21
20
16
15
5.45
3.7
3.3
2.6
2.4
5.3
7.5
7.1
0.4
15.7
15.3
16
15
4.0
3.6
3.5
3.3
Note
1. Tinning of terminals are uncontrolled within zone L1.
August 1999
10
Rev 1.000


Similar Part No. - PHP45NQ10T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHP45NQ10T NEXPERIA-PHP45NQ10T Datasheet
864Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02 - 8 July 2010
More results

Similar Description - PHP45NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com