Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHB45N03LT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHB45N03LT
Description  TrenchMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB45N03LT Datasheet(HTML) 5 Page - NXP Semiconductors

  PHB45N03LT Datasheet HTML 1Page - NXP Semiconductors PHB45N03LT Datasheet HTML 2Page - NXP Semiconductors PHB45N03LT Datasheet HTML 3Page - NXP Semiconductors PHB45N03LT Datasheet HTML 4Page - NXP Semiconductors PHB45N03LT Datasheet HTML 5Page - NXP Semiconductors PHB45N03LT Datasheet HTML 6Page - NXP Semiconductors PHB45N03LT Datasheet HTML 7Page - NXP Semiconductors PHB45N03LT Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHB45N03LT
Logic level FET
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 25 A; VGS = 5 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
0123
456
0
10
20
30
40
50
60
9528-30
VGS / V
ID / A
Tj / C = 25
175
BUK959-60
-100
-50
0
50
100
150
200
0
0.5
1
1.5
2
2.5
Tj / C
VGS(TO) / V
max.
typ.
min.
0
1020
3040
5060
0
5
10
15
20
25
9528-30
ID / A
gfs / S
Tj / C = 25
175
0
0.5
1
1.5
2
2.5
3
1E-05
1E-05
1E-04
1E-03
1E-02
1E-01
Sub-Threshold Conduction
2%
typ
98%
-100
0
100
200
0
0.5
1
1.5
2
30V TrenchMOS
Tj / C
a
150
50
-50
0.1
1
10
100
100
1000
10000
9528-30
VDS / V
C / pF
Ciss
Coss
Crss
December 1997
5
Rev 1.300


Similar Part No. - PHB45N03LT

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PHB45N03LT VBSEMI-PHB45N03LT Datasheet
1,014Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
NXP Semiconductors
PHB45N03LTA PHILIPS-PHB45N03LTA Datasheet
298Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 02-02 November 2001
logo
VBsemi Electronics Co.,...
PHB45N03LTA VBSEMI-PHB45N03LTA Datasheet
1,014Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - PHB45N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com