Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C2752 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C2752
Description  1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C2752 Datasheet(HTML) 4 Page - Texas Instruments

  TL16C2752 Datasheet HTML 1Page - Texas Instruments TL16C2752 Datasheet HTML 2Page - Texas Instruments TL16C2752 Datasheet HTML 3Page - Texas Instruments TL16C2752 Datasheet HTML 4Page - Texas Instruments TL16C2752 Datasheet HTML 5Page - Texas Instruments TL16C2752 Datasheet HTML 6Page - Texas Instruments TL16C2752 Datasheet HTML 7Page - Texas Instruments TL16C2752 Datasheet HTML 8Page - Texas Instruments TL16C2752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
TL16C2752 Block Diagram
Crystal
OSC
Buffer
Data Bus
Interface
A2 − A0
D7 − D0
CS
CHSEL
IOR
IOW
INTA
INTB
TXRDYA
TXRDYB
MFA
MFB
RESET
XTAL1
XTAL2
BAUD
Rate
Gen
64 Byte Tx FIFO
64 Byte Rx FIFO
Tx
IR ENC
UART Channel A
BAUD
Rate
Gen
64 Byte Tx FIFO
64 Byte Rx FIFO
UART Channel B
CTSA
DTRA
DSRA, RIA, CDA
RTSA
CTSB
DTRB
DSRB, RIB, CDB
RTSB
VCC
GND
TXA
RXA
TXB
RXB
UART Regs
UART Regs
Rx
IR DEC
Tx
IR ENC
Rx
IR DEC
DEVICE INFORMATION
TL16C2752
SLWS188 – JUNE 2006
A.
MF output allows selection of OP, BAUDOUT, or RXRDY per channel.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
FN NO.
RHB NO.
A0
10
3
I
Address 0 select bit. Internal registers address selection
A1
14
6
I
Address 1 select bit. Internal registers address selection
A2
15
7
I
Address 2 select bit. Internal registers address selection
Carrier detect (active low). These inputs are associated with individual UART channels A and
B. A low on these pins indicates that a carrier has been detected by the modem for that
CDA, CDB
42, 30
I
channel. The state of these inputs is reflected in the modem status register (MSR). These
inputs should be pulled high if unused.
Channel select. UART channel A or B is selected by the state of this pin when CS is a logic 0.
A logic 0 on the CHSEL selects the UART channel B while a logic 1 selects UART channel A.
CHSEL could just be an address line from the user CPU such as A3. Bit 0 of the alternate
CHSEL
16
8
I
function register (AFR) can temporarily override CHSEL function, allowing the user to write to
both channel register simultaneously with one write cycle when CS is low. It is especially
useful during the initialization routine.
UART chip select (active low). This pin selects channel A or B in accordance with the state of
CS
18
10
I
the CHSEL pin. This allows data to be transferred between the user CPU and the 2552.
Clear to send (active low). These inputs are associated with individual UART channels A and
B. A logic low on the CTS pins indicates the modem or data set is ready to accept transmit
CTSA,
data from the 2552. Status can be tested by reading MSR bit 4. These pins only affect the
40, 28
25, 17
I
CTSB
transmit and receive operations when auto CTS function is enabled through the enhanced
feature register (EFR) bit 7, for hardware flow control operation. These inputs should be
pulled high if unused.
4
Submit Documentation Feedback


Similar Part No. - TL16C2752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2752 TI1-TL16C2752 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752FN TI1-TL16C2752FN Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752IFN TI1-TL16C2752IFN Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752IFNR TI1-TL16C2752IFNR Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
More results

Similar Description - TL16C2752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550_10 Datasheet
1Mb / 47P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com