Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2749TB Datasheet(PDF) 5 Page - California Eastern Labs

Part # UPC2749TB
Description  3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2749TB Datasheet(HTML) 5 Page - California Eastern Labs

  UPC2749TB Datasheet HTML 1Page - California Eastern Labs UPC2749TB Datasheet HTML 2Page - California Eastern Labs UPC2749TB Datasheet HTML 3Page - California Eastern Labs UPC2749TB Datasheet HTML 4Page - California Eastern Labs UPC2749TB Datasheet HTML 5Page - California Eastern Labs UPC2749TB Datasheet HTML 6Page - California Eastern Labs UPC2749TB Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3.0 GHz
1.0 GHz
2.0 GHz
0.1 GHz
0.1 GHz
1.0 GHz
2.0 GHz
3.0 GHz
FREQUENCY
S11
S21
S12
S22
K
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.021
13.0
4.096
-1.9
0.002
-1.1
0.024
165.8
66.82
0.2
0.038
-30.5
4.216
-7.8
0.001
75.4
0.033
113.6
129.26
0.3
0.034
-71.8
4.282
-15.5
0.001
141.5
0.064
96.1
90.16
0.4
0.052
-120.5
4.403
-21.0
0.002
129.9
0.080
87.9
45.30
0.5
0.062
-149.9
4.390
-26.6
0.002
134.1
0.103
76.9
57.58
0.6
0.079
-169.7
4.399
-31.6
0.003
128.3
0.127
68.6
34.08
0.7
0.097
173.6
4.566
-36.7
0.005
132.9
0.151
60.6
22.08
0.8
0.116
160.5
4.667
-41.3
0.007
131.5
0.174
53.7
14.70
0.9
0.134
149.3
4.843
-46.8
0.008
129.3
0.197
44.9
12.29
1.0
0.156
138.8
5.016
-52.6
0.009
124.6
0.220
36.1
10.00
1.1
0.178
128.5
5.305
-60.3
0.014
131.4
0.240
28.0
6.15
1.2
0.195
118.7
5.660
-67.1
0.016
122.5
0.262
17.3
5.13
1.3
0.214
108.7
5.835
-76.2
0.020
118.6
0.279
8.6
3.80
1.4
0.229
99.5
6.148
-84.5
0.022
114.4
0.287
-2.0
3.23
1.5
0.249
89.4
6.364
-93.8
0.025
107.7
0.294
-13.5
2.72
1.6
0.259
79.9
6.611
-103.6
0.028
104.3
0.294
-23.6
2.35
1.7
0.264
69.8
6.577
-113.5
0.032
96.8
0.283
-33.8
2.09
1.8
0.259
60.3
6.549
-123.4
0.034
91.8
0.272
-44.1
1.99
1.9
0.248
50.9
6.407
-132.9
0.036
83.3
0.036
-53.8
1.97
2.0
0.238
43.6
6.321
-140.8
0.037
78.5
0.234
-61.4
1.99
2.1
0.218
35.9
6.046
-148.8
0.038
75.1
0.213
-69.5
2.04
2.2
0.204
30.1
5.862
-156.5
0.039
70.4
0.193
-73.8
2.08
2.3
0.183
25.3
5.696
-163.2
0.040
68.3
0.174
-79.5
2.15
2.4
0.156
21.2
5.430
-170.5
0.041
60.7
0.164
-84.1
2.25
2.5
0.140
18.8
5.282
-176.3
0.042
61.6
0.152
-82.1
2.25
2.6
0.119
18.7
5.013
177.2
0.040
58.1
0.142
-84.5
2.53
2.7
0.095
21.2
4.849
170.9
0.042
55.1
0.146
-85.5
2.46
2.8
0.078
30.0
4.596
164.9
0.042
51.9
0.149
-83.9
2.62
2.9
0.066`
44.5
4.446
158.1
0.042
44.7
0.154
-91.8
2.70
3.0
0.070
66.0
4.163
152.3
0.044
41.9
0.171
-92.8
2.73
3.1
0.082
78.1
3.966
145.3
0.042
37.1
0.181
-99.6
2.97
VCC = 3.0 V, ICC = 6.5 mA
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
UPC2749TB
S11
S22


Similar Part No. - UPC2749TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2749TB CEL-UPC2749TB Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2749TB CEL-UPC2749TB Datasheet
583Kb / 6P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
logo
Renesas Technology Corp
UPC2749TB RENESAS-UPC2749TB Datasheet
272Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
California Eastern Labs
UPC2749TB-A CEL-UPC2749TB-A Datasheet
583Kb / 6P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
More results

Similar Description - UPC2749TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2749TB-A CEL-UPC2749TB-A Datasheet
583Kb / 6P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
UPC2708TB CEL-UPC2708TB Datasheet
211Kb / 8P
   5 V, SUPER MINIMOLD WIDEBAND SI RFIC AMPLIFIER
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
   3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2762TB CEL-UPC2762TB Datasheet
181Kb / 7P
   3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2763TB CEL-UPC2763TB Datasheet
183Kb / 7P
   3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2749T NEC-UPC2749T Datasheet
99Kb / 4P
   3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2757TB CEL-UPC2757TB Datasheet
170Kb / 6P
   3 V, SUPER MINIMOLD SI MMIC DOWNCONVERTER
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
   3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
UPC3215TB-E3-A CEL-UPC3215TB-E3-A Datasheet
661Kb / 7P
   5V, SUPER MINIMOLD SI MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com