Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2708TB-E3-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPC2708TB-E3-A
Description  5 V, SUPER MINIMOLD WIDEBAND SI RFIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2708TB-E3-A Datasheet(HTML) 4 Page - California Eastern Labs

  UPC2708TB-E3-A Datasheet HTML 1Page - California Eastern Labs UPC2708TB-E3-A Datasheet HTML 2Page - California Eastern Labs UPC2708TB-E3-A Datasheet HTML 3Page - California Eastern Labs UPC2708TB-E3-A Datasheet HTML 4Page - California Eastern Labs UPC2708TB-E3-A Datasheet HTML 5Page - California Eastern Labs UPC2708TB-E3-A Datasheet HTML 6Page - California Eastern Labs UPC2708TB-E3-A Datasheet HTML 7Page - California Eastern Labs UPC2708TB-E3-A Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OUTPUT POWER vs.
INPUT POWER AND FREQUENCY
Input Power, PIN (dBm)
VCC = 5.0 V
+15
+10
+5
0
-5
-10
-15
-20
-30
+5
0
-5
-10
-15
-20
-25
f = 1.0 GHz
f = 2.0 GHz
f = 2.9 GHz
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC2708TB
Frequency, f (GHz)
SATURATED OUTPUT POWER vs.
FREQUENCY and VOLTAGE
VCC = 5.5 V
VCC = 4.5 V
VCC = 5.0 V
PIN = 0 dBm
+15
0
0.1
1.0
0.3
+10
+5
3.0
THIRD ORDER INTERMODULATION DISTORTION vs.
OUTPUT POWER OF EACH TONE and VOLTAGE
Input Power, PIN (dBm)
f1 = 1.000 GHz
f2 = 1.002 GHz
-60
-50
-40
-10
-30
-20
-10
+4
0
-2
+2
-4
-6
-8
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
+8 +10
+6


Similar Part No. - UPC2708TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2708TB-E3 NEC-UPC2708TB-E3 Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB-E3 NEC-UPC2708TB-E3 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2708TB-E3 RENESAS-UPC2708TB-E3 Datasheet
231Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC2708TB-E3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2749TB-A CEL-UPC2749TB-A Datasheet
583Kb / 6P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
UPC2749TB CEL-UPC2749TB Datasheet
213Kb / 7P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
UPC3215TB-E3-A CEL-UPC3215TB-E3-A Datasheet
661Kb / 7P
   5V, SUPER MINIMOLD SI MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com