Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HC221 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC221
Description  High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC221 Datasheet HTML 3Page - Texas Instruments CD54HC221 Datasheet HTML 4Page - Texas Instruments CD54HC221 Datasheet HTML 5Page - Texas Instruments CD54HC221 Datasheet HTML 6Page - Texas Instruments CD54HC221 Datasheet HTML 7Page - Texas Instruments CD54HC221 Datasheet HTML 8Page - Texas Instruments CD54HC221 Datasheet HTML 9Page - Texas Instruments CD54HC221 Datasheet HTML 10Page - Texas Instruments CD54HC221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Propagation Delay,
R to Q
tPLH
CL = 50pF
2
-
-
160
-
200
-
240
ns
4.5
-
-
32
-
40
-
48
ns
6
-
-
27
-
34
-
41
ns
Propagation Delay,
R to Q
tPHL
CL = 50pF
2
-
-
180
-
225
-
270
ns
4.5
-
-
36
-
45
-
54
ns
6
-
-
31
-
38
-
46
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Pulse Width Match Between
Circuits in the Same Package
CX = 1000pF, RX = 10kΩ
-
4.5 to
5.5
-
±2-
-
-
-
-
%
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
166
-
-
-
-
-
pF
HCT TYPES
Propagation Delay,
Trigger A, B, R to Q
tPLH
CL = 50pF
4.5
-
-
42
-
-
-
63
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
Propagation Delay,
Trigger A, B, R to Q
tPHL
CL = 50pF
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
Propagation Delay,
R to Q
tPLH
CL = 50pF
4.5
-
-
38
-
-
-
57
ns
Propagation Delay,
R to Q
tPHL
CL = 50pF
4.5
-
-
37
-
-
-
56
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Pulse Width Match Between
Circuits in the Same Package
CX = 1000pF, RX = 10kΩ
-
4.5 to
5.5
-
±2-
-
-
-
-
%
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
166
-
-
-
-
-
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per multivibrator.
5. PD = (CPD + CL) VCC
2 f
i + Σ where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC221, CD74HC221, CD74HCT221


Similar Part No. - CD54HC221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC221 TI-CD54HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI1-CD54HC221 Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
CD54HC221F TI-CD54HC221F Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221F TI-CD54HC221F Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
More results

Similar Description - CD54HC221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC221 TI-CD54HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221_08 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com