Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2473CDG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2473CDG4
Description  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2473CDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2473CDG4 Datasheet HTML 3Page - Texas Instruments TLV2473CDG4 Datasheet HTML 4Page - Texas Instruments TLV2473CDG4 Datasheet HTML 5Page - Texas Instruments TLV2473CDG4 Datasheet HTML 6Page - Texas Instruments TLV2473CDG4 Datasheet HTML 7Page - Texas Instruments TLV2473CDG4 Datasheet HTML 8Page - Texas Instruments TLV2473CDG4 Datasheet HTML 9Page - Texas Instruments TLV2473CDG4 Datasheet HTML 10Page - Texas Instruments TLV2473CDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
At specified free-air temperature, V
DD = 5V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
25
°C
250
2200
TLV247x
Full range
2400
VIO
Input offset voltage
µV
25
°C
250
1600
TLV247xA
Full range
2000
Temperature coefficient of input
VIC = VDD/2,
α
VIO
0.4
µV/°C
offset voltage
VO = VDD/2,
RS = 50Ω
25
°C
1.7
50
IIO
Input offset current
TLV247xC
Full range
100
TLV247xI
Full range
300
pA
25
°C
2.5
50
IIB
Input bias current
TLV247xC
Full range
100
TLV247xI
Full range
300
25
°C
4.85
4.96
IOH = –2.5mA
Full range
4.8
VOH
High-level output voltage
VIC = VDD/2
V
25
°C
4.72
4.82
IOH = –10mA
Full range
4.65
25
°C
0.07
0.15
IOL = 2.5mA
Full range
0.2
VOL
Low-level output voltage
VIC = VDD/2
V
25
°C
0.178
0.28
IOL = 10mA
Full range
0.35
25
°C
110
Sourcing
Full range
60
25
°C
63
TLV247xC
Full range
61
Sourcing,
Outside of rails(2)
TLV247xI
Full range
58
IOS
Short-circuit output current
mA
25
°C
90
Sinking
Full range
60
25
°C
63
TLV247xC
Full range
61
Sinking,
Outside of rails(2)
TLV247xI
Full range
58
IO
Output current
VO = 0.5V from rail
25
°C
±35
mA
25
°C
92
120
Large-signal differential voltage
AVD
VO(PP) = 3V, RL = 10kΩ
dB
amplification
Full range
91
ri(d)
Differential input resistance
25
°C
1012
CIC
Common-mode input capacitance f = 10kHz
25
°C
18.9
pF
zo
Closed-loop output impedance
f = 10kHz, AV = 10
25
°C
1.8
25
°C
64
84
CMRR
Common-mode rejection ratio
TLV247xC
Full range
63
dB
VIC = 0V to 5V,
RS = 50Ω
TLV247xI
Full range
58
25
°C
74
90
VDD = 2.7V to 6V, VIC = VDD/2,
No load
Full range
66
Supply voltage rejection ratio
kSVR
dB
(
∆V
DD/∆VIO)
25
°C
77
92
VDD = 3V to 5V, VIC = VDD/2,
No load
Full range
66
25
°C
600
900
IDD
Supply current (per channel)
VO = 2.5V, No load
µA
Full range
1000
(1)
Full range is 0
°C to +70°C for C-suffix and –40°C to +125°C for I-suffix. If not specified, full range is –40°C to +125°C.
(2)
Depending on package dissipation rating
7
Submit Documentation Feedback


Similar Part No. - TLV2473CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2473CDG4 TI-TLV2473CDG4 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2473CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com