Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD65N03RT4 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD65N03RT4
Description  Power MOSFET 25 V, 65 A, Single N-Channel, DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD65N03RT4 Datasheet(HTML) 4 Page - ON Semiconductor

  NTD65N03RT4 Datasheet HTML 1Page - ON Semiconductor NTD65N03RT4 Datasheet HTML 2Page - ON Semiconductor NTD65N03RT4 Datasheet HTML 3Page - ON Semiconductor NTD65N03RT4 Datasheet HTML 4Page - ON Semiconductor NTD65N03RT4 Datasheet HTML 5Page - ON Semiconductor NTD65N03RT4 Datasheet HTML 6Page - ON Semiconductor NTD65N03RT4 Datasheet HTML 7Page - ON Semiconductor NTD65N03RT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTD65N03R
http://onsemi.com
4
4
8
6
0
20
1600
8
0
0
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
1
1000
100
1
10
100
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
RG, GATE RESISTANCE (W)
Figure 10. Diode Forward Voltage versus
Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
04
01
0.8
0.6
0.4
30
10
0
40
50
DRAIN−TO−SOURCE VOLTAGE (V)
800
1200
20
2
ID = 30 A
TJ = 25°C
Q2
Q1
VGS
QT
VDS = 10 V
ID = 35 A
VGS = 10 V
tr
td(off)
td(on)
tf
VGS = 0 V
VGS = 0 V
TJ = 25°C
Crss
Coss
Ciss
812
16
400
2000
2400
412
16
10
60
70
0.2
TJ = 25°C
TJ = 150°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms
1


Similar Part No. - NTD65N03RT4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD65N03R-001 VBSEMI-NTD65N03R-001 Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
NTD65N03R-035 VBSEMI-NTD65N03R-035 Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
NTD65N03R-1G VBSEMI-NTD65N03R-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
NTD65N03R-35G VBSEMI-NTD65N03R-35G Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD65N03RT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
   25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com