Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS40600CF8T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS40600CF8T1G
Description  40 V, 7.0 A, Low VCE(sat) PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40600CF8T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS40600CF8T1G_07 Datasheet HTML 1Page - ON Semiconductor NSS40600CF8T1G_07 Datasheet HTML 2Page - ON Semiconductor NSS40600CF8T1G_07 Datasheet HTML 3Page - ON Semiconductor NSS40600CF8T1G_07 Datasheet HTML 4Page - ON Semiconductor NSS40600CF8T1G_07 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NSS40600CF8T1G
http://onsemi.com
4
VCE (Vdc)
Figure 7. Input Capacitance
VEB, EMITTER BASE VOLTAGE (V)
0
600
550
450
350
300
3.0
1.0
2.0
400
750
500
5.0
4.0
6.0
0.01
0.1
1.0
10
0.01
1.0
10
100
Cibo (pF)
Figure 8. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (V)
0
150
125
75
50
5.0
100
175
10
15
35
Cobo (pF)
Figure 9. Safe Operating Area
20
1.0 mS
10 mS
100 mS
1.0 S
Thermal
Limit
200
225
0.1
700
650
25
30


Similar Part No. - NSS40600CF8T1G_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G_13 Datasheet
104Kb / 6P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2013 ??Rev. 4
More results

Similar Description - NSS40600CF8T1G_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G Datasheet
103Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G_13 Datasheet
104Kb / 6P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2013 ??Rev. 4
NSS40501UW3T2G ONSEMI-NSS40501UW3T2G Datasheet
84Kb / 5P
   40 V, 7.0 A, Low VCE(sat) NPN Transistor
June, 2007 - Rev. 3
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G Datasheet
102Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G Datasheet
61Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G_07 Datasheet
108Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G_07 Datasheet
106Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40400CF8T1G ONSEMI-NSS40400CF8T1G Datasheet
48Kb / 4P
   40 V, 7 A, Low VCE(sat) PNP Transistor
January, 2006 ??Rev. 0
NSV40200LT1G ONSEMI-NSV40200LT1G Datasheet
119Kb / 6P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com