Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2465AIN Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2465AIN
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2465AIN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2465AIN Datasheet HTML 3Page - Texas Instruments TLV2465AIN Datasheet HTML 4Page - Texas Instruments TLV2465AIN Datasheet HTML 5Page - Texas Instruments TLV2465AIN Datasheet HTML 6Page - Texas Instruments TLV2465AIN Datasheet HTML 7Page - Texas Instruments TLV2465AIN Datasheet HTML 8Page - Texas Instruments TLV2465AIN Datasheet HTML 9Page - Texas Instruments TLV2465AIN Datasheet HTML 10Page - Texas Instruments TLV2465AIN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
7
WWW.TI.COM
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
Single supply
2.7
6
V
Supply voltage, VDD
Split supply
±1.35
±3
V
Common-mode input voltage range, VICR
0
VDD
V
C-suffix
0
70
Operating free-air temperature, TA
I-suffix and Q-suffix
−40
125
°C
Operating free-air temperature, TA
M-suffix
−55
125
C
Shutdown on/off voltage level‡
VIH
2
V
Shutdown on/off voltage level‡
VIL
0.7
V
‡ Relative to voltage on the GND terminal of the device.
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
= 3 V,
25
°C
500
2000
VIO
Input offset voltage
VDD = 3 V,
VIC = 1.5 V,
Full range
2200
V
VIO
Input offset voltage
DD
VIC = 1.5 V,
VO = 1.5 V,
TLV246xA
25
°C
500
1500
µV
VO = 1.5 V,
RS = 50 Ω
TLV246xA
Full range
1700
αVIO
Temperature coefficient of input offset voltage
RS = 50 Ω
2
µV/°C
25
°C
2.8
7
IIO
Input offset current
VDD = 3 V,
TLV246xC
Full range
20
nA
IIO
Input offset current
VDD = 3 V,
VIC = 1.5 V,
TLV246xI/Q/M
Full range
75
nA
VIC = 1.5 V,
VO = 1.5 V,
R
= 50
25
°C
4.4
14
IIB
Input bias current
VO = 1.5 V,
RS = 50 Ω
TLV246xC
Full range
25
nA
IIB
Input bias current
TLV246xI/Q/M
Full range
75
nA
IOH = − 2.5 mA
25
°C
2.9
VOH
High-level output voltage
IOH = − 2.5 mA
Full range
2.8
V
VOH
High-level output voltage
IOH = − 10 mA
25
°C
2.7
V
IOH = − 10 mA
Full range
2.5
VIC = 1.5 V,
IOL = 2.5 mA
25
°C
0.1
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 2.5 mA
Full range
0.2
V
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 10 mA
25
°C
0.3
V
VIC = 1.5 V,
IOL = 10 mA
Full range
0.5
Sourcing
25
°C
50
IOS
Short-circuit output current
Sourcing
Full range
20
mA
IOS
Short-circuit output current
Sinking
25
°C
40
mA
Sinking
Full range
20
IO
Output current
Measured 1 V from rail
25
°C
±40
mA
AVD
Large-signal differential voltage
RL = 10 kΩ
VO(PP) = 1 V
25
°C
90
105
dB
AVD
Large-signal differential voltage
amplification
RL = 10 kΩ,
VO(PP) = 1 V
Full range
89
dB
ri(d)
Differential input resistance
25
°C
109
† Full range is 0°C to 70°C for the C suffix, −40°C to 125°C for the I and Q suffixes, and −55°C to 125°C for the M suffix.


Similar Part No. - TLV2465AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2465AIN TI-TLV2465AIN Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2465AIN TI1-TLV2465AIN Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2465AINR TI-TLV2465AINR Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2465AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2460A-EP TI1-TLV2460A-EP Datasheet
1Mb / 33P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-TAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2460A TI-TLV2460A Datasheet
1Mb / 56P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIOANAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com