Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T431616D-7S Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # T431616D-7S
Description  1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T431616D-7S Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T431616D-7S Datasheet HTML 1Page - Taiwan Memory Technology T431616D-7S Datasheet HTML 2Page - Taiwan Memory Technology T431616D-7S Datasheet HTML 3Page - Taiwan Memory Technology T431616D-7S Datasheet HTML 4Page - Taiwan Memory Technology T431616D-7S Datasheet HTML 5Page - Taiwan Memory Technology T431616D-7S Datasheet HTML 6Page - Taiwan Memory Technology T431616D-7S Datasheet HTML 7Page - Taiwan Memory Technology T431616D-7S Datasheet HTML 8Page - Taiwan Memory Technology T431616D-7S Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
TE
CH
tm
T431616D/E
TM Technology Inc. reserves the right
P. 2
Publication Date: FEB. 2007
to change products or specifications without notice.
Revision: A
PIN ARRANGEMENT
BGA (Top View)
TSOP-II (Top View)
DQ1
V DD
46
45
44
43
41
42
40
36
35
34
33
32
31
30
29
1
2
3
4
6
5
7
8
9
11
15
16
17
18
19
20
V DD Q
DQ1 1
DQ1 0
A8
A7
A9
10
21
22
47
48
49
50
V SSQ
DQ2
A0
A1
DQ1 5
DQ1 4
V SSQ
Vss
23
24
25
28
27
26
DQ3
DQ0
V DD Q
DQ4
DQ5
V SSQ
DQ6
RAS
CS
A1 1
A1 0
A2
A3
V DD
V SSQ
DQ1 3
DQ1 2
DQ9
UDQM
N.C
CL K
CKE
Vss
A6
A5
A4
12
13
14
39
38
37
DQ7
V DD Q
L DQM
DQ8
V DD Q
N.C
W E
CAS
5 0 PIN T SO P(II)
(4 0 0 m il x 8 2 5 m il)
(0 .8 m m PIN PITC H )
A
B
C
D
E
F
G
H
VDD
NC
A5
A7
VSS
A8
DQ6
DQ7
CLK
DQ8
DQ9
DQ3
DQ1
NC
DQ15
DQ14
DQ12
VDDQ
DQ4
VDDQ
DQ11
VDDQ
DQ5
VSSQ
UDQM
VSSQ
DQ10
VSSQ
A6
VDD
CKE
A9
A0
A10
NC
NC
VSSQ
DQ13
NC
NC
NC
A11
VSS
A4
NC
NC
VDDQ
DQ0
DQ2
NC
NC
NC
LDQM
WE#
CAS#
RAS#
CS#
A3
A2
A1
J
K
L
M
N
P
R
123
45
6
7


Similar Part No. - T431616D-7S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616A TMT-T431616A Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7C TMT-T431616A-7C Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7CI TMT-T431616A-7CI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7S TMT-T431616A-7S Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7SI TMT-T431616A-7SI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
More results

Similar Description - T431616D-7S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616C TMT-T431616C Datasheet
720Kb / 30P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com