Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA9219 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA9219
Description  9.2mmX1.9mm SIDE VIEW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA9219 Datasheet(HTML) 2 Page - Kingbright Corporation

  AA9219_2 Datasheet HTML 1Page - Kingbright Corporation AA9219_2 Datasheet HTML 2Page - Kingbright Corporation AA9219_2 Datasheet HTML 3Page - Kingbright Corporation AA9219_2 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD1400
REV NO: V.7
DATE: MAY/23/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201000590
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA9219/2SRC
Super Bright Red (GaAlAs)
WATER CLEAR
70
200
100
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Red
660
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Red
3.7
5
V
IF=20mA
IR
Reverse Current
Super Bright Red
10
uA
VR = 5V
Parameter
Super Bright Red
Units
Power dissipation
150
mW
DC Forward Current
30
mA
Peak Forward Current [1]
155
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds


Similar Part No. - AA9219_2

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA9219-2EC KINGBRIGHT-AA9219-2EC Datasheet
234Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219-2SGC KINGBRIGHT-AA9219-2SGC Datasheet
232Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219-2SRC KINGBRIGHT-AA9219-2SRC Datasheet
232Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219-2YC KINGBRIGHT-AA9219-2YC Datasheet
233Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219/2EC KINGBRIGHT-AA9219/2EC Datasheet
238Kb / 4P
   9.2mmX1.9mm SIDE VIEW
More results

Similar Description - AA9219_2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDK47W SUNLED-ZMDK47W Datasheet
181Kb / 4P
   9.2mmX1.9mm SIDE VIEW
ZVG47W SUNLED-ZVG47W Datasheet
174Kb / 4P
   9.2mmX1.9mm SIDE VIEW
logo
Kingbright Corporation
AA9219 KINGBRIGHT-AA9219_3 Datasheet
237Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_1 Datasheet
237Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219-2YC KINGBRIGHT-AA9219-2YC Datasheet
233Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219-2EC KINGBRIGHT-AA9219-2EC Datasheet
234Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219 Datasheet
238Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219-2SRC KINGBRIGHT-AA9219-2SRC Datasheet
232Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219-2SGC KINGBRIGHT-AA9219-2SGC Datasheet
232Kb / 4P
   9.2mmX1.9mm SIDE VIEW
logo
Vishay Siliconix
IRMT6452 VISHAY-IRMT6452 Datasheet
595Kb / 7P
   SIDE VIEW IRMS6452/TOP VIEW
Revision 05-July-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com