Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNR18 Datasheet(PDF) 3 Page - Rohm

Part # MNR18
Description  Chip resistor networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR18 Datasheet(HTML) 3 Page - Rohm

  MNR18_1 Datasheet HTML 1Page - Rohm MNR18_1 Datasheet HTML 2Page - Rohm MNR18_1 Datasheet HTML 3Page - Rohm MNR18_1 Datasheet HTML 4Page - Rohm MNR18_1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MNR18
Resistors
Rev.B
3/4
Equivalent circuit
R1 = R2 = R3 = R4 = R5 = R6 = R7 = R8
R8
R1
R2
R3
R4
R5
R6
R7
Packaging
C
AB
D
Label
AB
C
D
Reel
Taping
Chip network
resistors
EIAJ ET-7200B compliant
Thick paper
mount
(Underside paper tape)
Square punchout hole
Heat crimp cover / Tape
(Unit : mm)
(Unit : mm)
F
P0
3.5
±0.05
4.0
±0.1
E
P1
1.75
±0.1
4.0
±0.1
A0
P2
1.95
±0.15
2.0
±0.05
B0
T2
4.1
±0.15
Max. 1.1
W
D0
8.0
±0.3
φ180
0
−1.5
φ60 +
1
0
9 +
1.0
0
φ13±0.2
φ1.5 +0.1
0
P0
P2
P1
A0
E
F
W
T2
φD0
B0
Product designation
N
MR 1
A
E0
J
Resistance tolerance
Part No.
Nominal resistance
8
P
E0AP
5,000
MNR18
Paper tape (4mm Pitch)
φ180mm (7in.)
J is also used
for jumper
J
±5%
Resistance code,3 digits,
000 denotes Jumper type.
Packaging Specifications Code
Part No.
Resistance tolerance
J(
±5%)
Code
Packaging specifications
Reel
Basic ordering unit (pcs)
Reel (
φ180) : JEITA ET-7200B
: Standard product


Similar Part No. - MNR18_1

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR18 ROHM-MNR18_11 Datasheet
175Kb / 4P
   Compact 8-element Chip Resistor Networks
More results

Similar Description - MNR18_1

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-D10C562J PANASONIC-EXB-D10C562J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-Q16P472J PANASONIC-EXB-Q16P472J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-A10E104J PANASONIC-EXB-A10E104J Datasheet
112Kb / 2P
   Chip Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com