Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR03 Datasheet(PDF) 5 Page - Rohm

Part # MCR03
Description  Thick film rectangular resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03 Datasheet(HTML) 5 Page - Rohm

  MCR03_1 Datasheet HTML 1Page - Rohm MCR03_1 Datasheet HTML 2Page - Rohm MCR03_1 Datasheet HTML 3Page - Rohm MCR03_1 Datasheet HTML 4Page - Rohm MCR03_1 Datasheet HTML 5Page - Rohm MCR03_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCR03
Resistors
Rev.D
5/5
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.18
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 260
°C 10s
Fig.8 Resistance to soldering heat
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.19
SAMPLE SIZE : n
=10pcs
−55°C / 125°C 5cyc.
Fig.9 Rapid change of
temperature
−4.0
−3.0
−2.0
−1.0
0
1.0
2.0
3.0
4.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.24
SAMPLE SIZE : n
=10pcs
40
°C 93%RH WITH NO LOAD 1,000h
Fig.10 Damp heat, steady state
−4.0
−3.0
−2.0
−1.0
0
1.0
2.0
3.0
4.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.25.1
SAMPLE SIZE : n
=10pcs
70
°C 1,000h
OVERLOAD : THE RATED VOLTAGE
Fig.11 Endurance at 70
°C
−4.0
−3.0
−2.0
−1.0
0
1.0
2.0
3.0
4.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.25.3
SAMPLE SIZE : n
=10pcs
155
°C WITH NO LOAD 1,000h
Fig.12 Endurance
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.29
SAMPLE SIZE : n=10pcs
IPA, 5min.
Fig.13 Resistance to solvents
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.33
SAMPLE SIZE : n
=10pcs
ENDURANCE WITH 90mm WIDTH
Fig.14 Bend strength of
the end face plating


Similar Part No. - MCR03_1

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03D100 ROHM-MCR03D100 Datasheet
1Mb / 10P
   Thick film chip resistors
MCR03F100 ROHM-MCR03F100 Datasheet
1Mb / 10P
   Thick film chip resistors
MCR03J100 ROHM-MCR03J100 Datasheet
1Mb / 10P
   Thick film chip resistors
MCR03 ROHM-MCR03_11 Datasheet
141Kb / 5P
   Compact Thick Film Chip Resistors
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
   Compact Thick Film Chip Resistors
More results

Similar Description - MCR03_1

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
Vishay Siliconix
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
   Thick Film, Rectangular, Precision Resistors
Revision 18-Oct-02
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
D10LRCRCW0402 VISHAY-D10LRCRCW0402 Datasheet
107Kb / 4P
   Thick Film, Rectangular, Low Value Resistors
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
Rohm
MCR01 ROHM-MCR01_1 Datasheet
81Kb / 6P
   Thick film rectangular
MCR10 ROHM-MCR10_1 Datasheet
83Kb / 6P
   Thick film rectangular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com