Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74301RGWT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74301RGWT
Description  1.5A Ultra-LDO with Programmable Sequencing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74301RGWT Datasheet(HTML) 5 Page - Texas Instruments

  TPS74301RGWT Datasheet HTML 1Page - Texas Instruments TPS74301RGWT Datasheet HTML 2Page - Texas Instruments TPS74301RGWT Datasheet HTML 3Page - Texas Instruments TPS74301RGWT Datasheet HTML 4Page - Texas Instruments TPS74301RGWT Datasheet HTML 5Page - Texas Instruments TPS74301RGWT Datasheet HTML 6Page - Texas Instruments TPS74301RGWT Datasheet HTML 7Page - Texas Instruments TPS74301RGWT Datasheet HTML 8Page - Texas Instruments TPS74301RGWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
IN
IN
IN
PG
BIAS
OUT
OUT
OUT
NC
FB
TPS74301
6
7
8
9
10
20
19
18
17
16
5
5QFN(RGW)
´
Package
TopView
¾
7-Lead
DDPAK(KTW)
Surface-Mount
OUT
GND BIAS
IN
FB
TRACK
1
2
3
4
5
6
EN
7
PIN DESCRIPTIONS
TPS74301
SBVS065E – DECEMBER 2005 – REVISED MAY 2007
NAME
KTW (DDPAK)
RGW (QFN)
DESCRIPTION
IN
5
5–8
Unregulated input to the device.
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts
EN
7
11
the regulator into shutdown mode. This pin must not be left floating.
Tracking pin. Connect this pin to the center tap of a resistor divider off of an
TRACK
1
15
external supply to program the device to track an external supply.
BIAS
6
10
Bias input voltage for error amplifier, reference, and internal control circuits.
Power-Good (PG) is an open-drain, active-high output that indicates the status
of VOUT. When VOUT exceeds the PG trip threshold, the PG pin goes into a
high-impedance state. When VOUT is below this threshold the pin is driven to a
PG
N/A
9
low-impedance state. A pull-up resistor from 10k
Ω to 1MΩ should be
connected from this pin to a supply up to 5.5V. The supply can be higher than
the input voltage. Alternatively, the PG pin can be left floating if output
monitoring is not necessary.
This pin is the feedback connection to the center tap of an external resistor
FB
2
16
divider network that sets the output voltage. This pin must not be left floating.
OUT
3
1, 18–20
Regulated output voltage. No capacitor is required on this pin for stability.
No connection. This pin can be left floating or connected to GND to allow better
NC
N/A
2–4, 13, 14, 17
thermal contact to the top-side plane.
GND
4
12
Ground
PAD/TAB
Should be soldered to the ground plane for increased thermal performance.
5
Submit Documentation Feedback


Similar Part No. - TPS74301RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
More results

Similar Description - TPS74301RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
logo
Taiwan Semiconductor Co...
TS39154 TSC-TS39154 Datasheet
350Kb / 7P
   1.5A Ultra Low LDO with Enable
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
logo
Seaward Electronics Inc...
SE5220 SEAWARD-SE5220 Datasheet
101Kb / 2P
   1.5A CMOS Ultra LDO Voltage
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
   1.5A CMOS Ultra LDO Voltage Regulator with EN
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com