Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS796XX Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS796XX
Description  ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS796XX Datasheet(HTML) 4 Page - Texas Instruments

  TPS796XX Datasheet HTML 1Page - Texas Instruments TPS796XX Datasheet HTML 2Page - Texas Instruments TPS796XX Datasheet HTML 3Page - Texas Instruments TPS796XX Datasheet HTML 4Page - Texas Instruments TPS796XX Datasheet HTML 5Page - Texas Instruments TPS796XX Datasheet HTML 6Page - Texas Instruments TPS796XX Datasheet HTML 7Page - Texas Instruments TPS796XX Datasheet HTML 8Page - Texas Instruments TPS796XX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.ti.com
_
+
Thermal
Shutdown
Bandgap
Reference
1.225 V
VIN
Current
Sense
R2
GND
EN
SHUTDOWN
VREF
UVLO
ILIM
External to
the Device
FB
R1
UVLO
250 k
Quickstart
IN
OUT
_
+
Thermal
Shutdown
VIN
Current
Sense
R1
R2
GND
EN
SHUTDOWN
VREF
UVLO
ILIM
Bandgap
Reference
1.225 V
UVLO
250 k
NR
Quickstart
R2 = 40k
IN
OUT
TPS796xx
SLVS351I – SEPTEMBER 2002 – REVISED MAY 2006
FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
Table 1. Terminal Functions
TERMINAL
DESCRIPTION
NAME
ADJ
FIXED
NR
N/A
5
Connecting an external capacitor to this pin bypasses noise generated by the internal bandgap. This
improves power-supply rejection and reduces output noise.
EN
1
1
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into shutdown
mode. EN can be connected to IN if not used.
FB
5
N/A
This terminal is the feedback input voltage for the adjustable device.
GND
3, Tab
3, Tab
Regulator ground
IN
2
2
Unregulated input to the device.
OUT
4
4
Output of the regulator.
4
Submit Documentation Feedback


Similar Part No. - TPS796XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS796XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com