Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA5060SEC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA5060SEC
Description  5.0X6.0mm SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA5060SEC Datasheet(HTML) 2 Page - Kingbright Corporation

  AA5060SEC_1 Datasheet HTML 1Page - Kingbright Corporation AA5060SEC_1 Datasheet HTML 2Page - Kingbright Corporation AA5060SEC_1 Datasheet HTML 3Page - Kingbright Corporation AA5060SEC_1 Datasheet HTML 4Page - Kingbright Corporation AA5060SEC_1 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAG5694
REV NO: V.1
DATE: JUN/19/2006
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP: 1201001783
Selection Guide
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
TYP.
2
θ1/2
AA5060SEC/J
HYPER ORANGE (AlGaInP)
WATER CLEAR
3200
4500
100
°
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Hyper Orange
640
nm
IF=20mA
λD [1]
Dominant Wavelength
Hyper Orange
630
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Hyper Orange
25
nm
IF=20mA
C
Capacitance
Hyper Orange
27
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Orange
2.2
2.8
V
IF=20mA
IR
Reverse Current
Hyper Orange
10
uA
VR = 5V
Parameter
Hyper Orange
Units
Power dissipation
160
mW
DC Forward Current
50
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity / luminous flux: +/-15%.
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Similar Part No. - AA5060SEC_1

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA5060SEC-E KINGBRIGHT-AA5060SEC-E Datasheet
204Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC-J KINGBRIGHT-AA5060SEC-J Datasheet
129Kb / 5P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC/E KINGBRIGHT-AA5060SEC/E Datasheet
209Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC/E KINGBRIGHT-AA5060SEC/E Datasheet
204Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC/J KINGBRIGHT-AA5060SEC/J Datasheet
129Kb / 5P
   5.0X6.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA5060SEC_1

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA5060SEC-E KINGBRIGHT-AA5060SEC-E Datasheet
204Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC KINGBRIGHT-AA5060SYC_1 Datasheet
233Kb / 5P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC KINGBRIGHT-AA5060SYC Datasheet
211Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC-E KINGBRIGHT-AA5060SYC-E Datasheet
206Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060PBC-G KINGBRIGHT-AA5060PBC-G Datasheet
199Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SURC-G KINGBRIGHT-AA5060SURC-G Datasheet
185Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC-J KINGBRIGHT-AA5060SEC-J Datasheet
129Kb / 5P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060TGC KINGBRIGHT-AA5060TGC Datasheet
190Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060PBC KINGBRIGHT-AA5060PBC_1 Datasheet
201Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SURC KINGBRIGHT-AA5060SURC_1 Datasheet
189Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com