Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-303AK Datasheet(PDF) 1 Page - Rohm

Part # LB-303AK
Description  High efficiency, three-digit numeric displays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-303AK Datasheet(HTML) 1 Page - Rohm

  LB-303AK_1 Datasheet HTML 1Page - Rohm LB-303AK_1 Datasheet HTML 2Page - Rohm LB-303AK_1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LB-303AK Series
LED displays
Rev.A
1/2
High efficiency, three-digit numeric
displays
LB-303AK Series
The LB-303AK series were designed to meet
the need for multi-digit numeric displays.
These LED numeric displays use GaAsP on
GaP for the emitting material (with the
exception of green) and are housed in an
epoxy resin package. They are three-digit
displays with a character height of 8.0 mm.
Features
1) Height of character : 8.0 mm
2) High efficiency in a compact package.
3) Common anode and common cathode
configurations are available for red, orange
and green.
4) The package surface is painted black and
the segments are colored the display color.
Dimensions (Unit : mm)
1.0
4.0
φ
3- 0.9
(12.7)
(2.54)
φ 0.5
22.0
7.0
7.0
10
°
Tolerances are
±0.3 unless otherwise noted:
Selection guide
Red
Orange
Green
LB-303VA
LB-303VK
LB-303DA∗
LB-303DK∗
LB-303MA
LB-303MK
Anode
Cathode
∗Order-based production.
Common
Emitting color
Pin assignments
Digit 1 D.P1
a
g
d
fb
ec
Digit 2 D.P2
a
g
d
fb
ec
Digit 3 D.P3
a
g
d
fb
ec
Pin No.
++++++
+
++++
123456
11
10
9
8
7
Segment "c"
Digit 1 Common
Segment "d"
Digit 2 Common
Digit 3 Common
Segment D.P
Segment "b"
Segment "f"
Segment "a"
Segment "e"
Segment "g"
1
2
3
4
5
6
7
8
9
10
11
Function
Pin No.


Similar Part No. - LB-303AK_1

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-303AK ROHM-LB-303AK_11 Datasheet
946Kb / 4P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
More results

Similar Description - LB-303AK_1

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_11 Datasheet
946Kb / 4P
   High efficiency, three-digit numeric displays
LB-403F1 ROHM-LB-403F1 Datasheet
58Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com