Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEMZ7 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMZ7
Description  NPN/PNP general purpose transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMZ7 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMZ7 Datasheet HTML 1Page - NXP Semiconductors PEMZ7 Datasheet HTML 2Page - NXP Semiconductors PEMZ7 Datasheet HTML 3Page - NXP Semiconductors PEMZ7 Datasheet HTML 4Page - NXP Semiconductors PEMZ7 Datasheet HTML 5Page - NXP Semiconductors PEMZ7 Datasheet HTML 6Page - NXP Semiconductors PEMZ7 Datasheet HTML 7Page - NXP Semiconductors PEMZ7 Datasheet HTML 8Page - NXP Semiconductors PEMZ7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2001 Nov 07
4
Philips Semiconductors
Product specification
NPN/PNP general purpose transistors
PEMZ7
CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
ICBO
collector-base cut-off current
VCB = 15 V; IE =0
−−
100
nA
VCB = 15 V; IE = 0; Tj = 150 °C
−−
50
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
100
nA
hFE
DC current gain
VCE =2V; IC =10mA
200
−−
VCEsat
collector-emitter saturation
voltage
IC = 200 mA; IB =10mA
−−
220
mV
fT
transition frequency
IC = 100 mA; VCE =5V;
f = 100 MHz
TR1 (NPN)
250
420
MHz
TR2 (PNP)
100
280
MHz
Cc
collector capacitance
VCB = 10 V; IE =Ie = 0; f = 1 MHz
TR1 (NPN)
4.4
6
pF
TR2 (PNP)
−−
10
pF
handbook, halfpage
0
400
600
200
100
300
500
MHC014
10−1
110
IC (mA)
hFE
102
103
(1)
(2)
(3)
Fig.2
DC current gain as a function of collector
current; typical values.
TR1 (NPN); VCE =2V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
(1)
(2)
(3)
(4)
(6)
(8)
IC
(mA)
VCE (V)
1200
800
400
0
210
46
8
MLD672
(9)
(10)
(7)
(5)
Fig.3
Collector current as a function of
collector-emitter voltage; typical values.
TR1 (NPN); Tamb =25 °C.
(1) IB = 4.60 mA
(2) IB = 4.14 mA
(3) IB = 3.68 mA
(4) IB = 3.22 mA
(5) IB = 2.76 mA
(6) IB = 2.30 mA
(7) IB = 1.84 mA
(8) IB = 1.38 mA
(9) IB = 0.92 mA
(10) IB = 0.46 mA


Similar Part No. - PEMZ7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PEMZ7 NEXPERIA-PEMZ7 Datasheet
217Kb / 10P
   NPN/PNP general purpose double transistor
29 December 2022
More results

Similar Description - PEMZ7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
PEMZ1 NXP-PEMZ1 Datasheet
114Kb / 7P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Unisonic Technologies
PUMZ1 UTC-PUMZ1_15 Datasheet
119Kb / 3P
   NPN/PNP GENERAL PURPOSE TRANSISTORS
PUMZ1 UTC-PUMZ1 Datasheet
116Kb / 4P
   NPN/PNP GENERAL PURPOSE TRANSISTORS
logo
NXP Semiconductors
PUMZ1 PHILIPS-PUMZ1 Datasheet
43Kb / 8P
   NPN/PNP general purpose transistors
1999 Apr 14
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
logo
Diotec Semiconductor
BC8456BDW-AQ DIOTEC-BC8456BDW-AQ Datasheet
156Kb / 2P
   SMD General Purpose NPN/PNP Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com