Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4040PGC Datasheet(PDF) 5 Page - Kingbright Corporation

Part # AA4040PGC
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040PGC Datasheet(HTML) 5 Page - Kingbright Corporation

  AA4040PGC Datasheet HTML 1Page - Kingbright Corporation AA4040PGC Datasheet HTML 2Page - Kingbright Corporation AA4040PGC Datasheet HTML 3Page - Kingbright Corporation AA4040PGC Datasheet HTML 4Page - Kingbright Corporation AA4040PGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAD1239
REV NO: V.4
DATE:JUN/30/2005
PAGE: 5 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN:B.H.LI
ERP: 1201000455
PACKING & LABEL SPECIFICATIONS
AA4040PGC
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - AA4040PGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040P3C-P22 KINGBRIGHT-AA4040P3C-P22 Datasheet
242Kb / 4P
   Made with NPN silicon phototransistor chips
AA4040PBC KINGBRIGHT-AA4040PBC Datasheet
99Kb / 5P
   4.0 X 4.0 MM SURFACE MOUNT LED LAMP
AA4040PBC KINGBRIGHT-AA4040PBC Datasheet
284Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040PBC-Z KINGBRIGHT-AA4040PBC-Z Datasheet
243Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040PBC/A KINGBRIGHT-AA4040PBC/A Datasheet
284Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results

Similar Description - AA4040PGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040SYCK KINGBRIGHT-AA4040SYCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040ZGC KINGBRIGHT-AA4040ZGC Datasheet
171Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SURC KINGBRIGHT-AA4040SURC Datasheet
163Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SRS TO-GRACE-AA4040SRS Datasheet
1Mb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA4040RWC KINGBRIGHT-AA4040RWC Datasheet
385Kb / 8P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SGC KINGBRIGHT-AA4040SGC Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYC KINGBRIGHT-AA4040SYC Datasheet
163Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040CGCK KINGBRIGHT-AA4040CGCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SESK KINGBRIGHT-AA4040SESK Datasheet
295Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SRS KINGBRIGHT-AA4040SRS Datasheet
294Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com