Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72210S0231K151 Datasheet(PDF) 5 Page - EPCOS

Part # B72210S0231K151
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72210S0231K151 Datasheet(HTML) 5 Page - EPCOS

  B72210S0231K151 Datasheet HTML 1Page - EPCOS B72210S0231K151 Datasheet HTML 2Page - EPCOS B72210S0231K151 Datasheet HTML 3Page - EPCOS B72210S0231K151 Datasheet HTML 4Page - EPCOS B72210S0231K151 Datasheet HTML 5Page - EPCOS B72210S0231K151 Datasheet HTML 6Page - EPCOS B72210S0231K151 Datasheet HTML 7Page - EPCOS B72210S0231K151 Datasheet HTML 8Page - EPCOS B72210S0231K151 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
210 04/02
Taping in accordance with IEC 60286-2
Taping based on IEC 60286-2
VAR0410-X
h
h
s
F
b
p
p
Direction of unreeling
0
D
P0
d
1
P
Section A-B
AB
= 5,0 mm (except S ... R5)
=
Fe
VAR0395-J
h
h
s
F
b
Direction of unreeling
0
D
P0
d
1
P
p
∆p
B
A
Section A-B
= 7,5 mm (including S ... R5)
=
Fe
e = 10 mm (including S ... R5)
F =
Taping
Leaded Varistors


Similar Part No. - B72210S0231K151

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72210S0231K101 EPCOS-B72210S0231K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72210S0231K101 EPCOS-B72210S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S0231K101 EPCOS-B72210S0231K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72210S0231K101 EPCOS-B72210S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S0231K101 EPCOS-B72210S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results

Similar Description - B72210S0231K151

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com