Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43304C9187M002 Datasheet(PDF) 10 Page - EPCOS

Part # B43304C9187M002
Description  Snap-In Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43304C9187M002 Datasheet(HTML) 10 Page - EPCOS

Back Button B43304C9187M002 Datasheet HTML 5Page - EPCOS B43304C9187M002 Datasheet HTML 6Page - EPCOS B43304C9187M002 Datasheet HTML 7Page - EPCOS B43304C9187M002 Datasheet HTML 8Page - EPCOS B43304C9187M002 Datasheet HTML 9Page - EPCOS B43304C9187M002 Datasheet HTML 10Page - EPCOS B43304C9187M002 Datasheet HTML 11Page - EPCOS B43304C9187M002 Datasheet HTML 12Page - EPCOS B43304C9187M002 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
232 10/02
Miniaturized 85 °C
B43304
450
82
22
× 25
1 990
2 390
1,3
0,61
B43304A5826M000
100
22
× 30
1 630
1 960
1,6
0,72
B43304A5107M000
100
25
× 25
1 630
1 960
1,6
0,73
B43304B5107M000
120
22
× 35
1 360
1 630
1,8
0,83
B43304A5127M000
120
25
× 30
1 360
1 630
1,9
0,85
B43304B5127M000
150
22
× 40
1 090
1 310
2,2
0,98
B43304A5157M000
150
25
× 30
1 090
1 310
2,1
0,95
B43304B5157M000
150
30
× 25
1 090
1 310
2,2
0,98
B43304C5157M000
180
22
× 45
910
1 090
2,5
1,1
B43304A5187M000
180
25
× 35
910
1 090
2,4
1,1
B43304B5187M000
180
30
× 30
910
1 090
2,5
1,1
B43304C5187M000
220
22
× 50
740
890
2,9
1,3
B43304A5227M000
220
25
× 40
740
890
2,8
1,3
B43304B5227M000
220
30
× 30
740
890
2,8
1,3
B43304C5227M000
220
35
× 25
740
890
2,9
1,3
B43304D5227M000
270
25
× 45
610
730
3,3
1,5
B43304A5277M000
270
30
× 35
610
730
3,2
1,5
B43304B5277M000
270
35
× 30
610
730
3,4
1,6
B43304C5277M000
330
30
× 40
500
600
3,8
1,7
B43304A5337M000
330
35
× 35
500
600
4,0
1,8
B43304B5337M000
390
30
× 45
420
510
4,3
1,9
B43304A5397M000
390
35
× 35
420
510
4,3
2,0
B43304B5397M000
470
30
× 50
350
420
4,9
2,2
B43304A5477M000
470
35
× 40
350
420
5,0
2,3
B43304B5477M000
560
35
× 45
300
350
5,6
2,6
B43304A5567M000
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226.
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40 °C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)


Similar Part No. - B43304C9187M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43303 EPCOS-B43303 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M000 EPCOS-B43303A0128M000 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M000 EPCOS-B43303A0128M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
B43303A0128M002 EPCOS-B43303A0128M002 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M007 EPCOS-B43303A0128M007 Datasheet
318Kb / 14P
   Snap-In Capacitors
More results

Similar Description - B43304C9187M002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com