Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS610 Datasheet(PDF) 7 Page - Analog Devices

Part # ADXRS610
Description  짹300째/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS610 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXRS610 Datasheet HTML 3Page - Analog Devices ADXRS610 Datasheet HTML 4Page - Analog Devices ADXRS610 Datasheet HTML 5Page - Analog Devices ADXRS610 Datasheet HTML 6Page - Analog Devices ADXRS610 Datasheet HTML 7Page - Analog Devices ADXRS610 Datasheet HTML 8Page - Analog Devices ADXRS610 Datasheet HTML 9Page - Analog Devices ADXRS610 Datasheet HTML 10Page - Analog Devices ADXRS610 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXRS610
Rev. 0 | Page 7 of 12
50
45
40
35
30
25
0
5
10
15
20
–5
–4
–3
–2
–1
1
2
3
4
5
0
% MISMATCH
Figure 10. Self-Test Mismatch at 25°C (VRATIO = 5 V)
600
400
200
0
–600
–400
–200
–40
–20
0
20
40
80
100
120
60
TEMPERATURE (°C)
ST1
ST2
Figure 11. Typical Self-Test Change over Temperature
40
35
30
25
0
5
10
15
20
3.0
3.1 3.2 3.3
3.4 3.5
3.7
3.8 3.9 4.0
4.1
3.6
(mA)
Figure 12. Current Consumption at 25°C (VRATIO = 5 V)
40
35
30
25
0
5
10
15
20
2.40 2.42 2.44 2.46 2.48 2.50
2.54 2.56 2.58 2.60
2.52
VOLTS
Figure 13. VTEMP Output at 25°C (VRATIO = 5 V)
3.3
3.1
2.9
2.7
1.5
2.1
1.9
1.7
2.3
2.5
–40
–20
0
20
40
60
100
120
80
TEMPERATURE (°C)
256 PARTS
Figure 14. VTEMP Output over Temperature (VRATIO = 5 V)
60
50
30
40
10
20
–20
–10
0
750
770
810
830
850
790
TIME (ms)
Y
REF
X
+45°
–45°
Figure 15. g and g × g Sensitivity for a 50 g, 10 ms Pulse


Similar Part No. - ADXRS610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
More results

Similar Description - ADXRS610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
   -300째/sec Yaw Rate Gyro with SPI Interface
REV. A
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com