Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM2251ARWZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADUM2251ARWZ
Description  Hot-Swappable, Dual I2C Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM2251ARWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUM2251ARWZ Datasheet HTML 4Page - Analog Devices ADUM2251ARWZ Datasheet HTML 5Page - Analog Devices ADUM2251ARWZ Datasheet HTML 6Page - Analog Devices ADUM2251ARWZ Datasheet HTML 7Page - Analog Devices ADUM2251ARWZ Datasheet HTML 8Page - Analog Devices ADUM2251ARWZ Datasheet HTML 9Page - Analog Devices ADUM2251ARWZ Datasheet HTML 10Page - Analog Devices ADUM2251ARWZ Datasheet HTML 11Page - Analog Devices ADUM2251ARWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADuM2250/ADuM2251
Rev. 0 | Page 8 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Symbol
Min
Max
Unit
Storage Temperature
TST
−65
+150
°C
Ambient Operating
Temperature
TA
−40
+105
°C
Supply Voltages1
VDD1, VDD2
−0.5
+7.0
V
Input/Output Voltage,1
Side 1
VSDA1, VSCL1
−0.5
VDD1 + 0.5
V
Input/Output Voltage,1
Side 2
VSDA2, VSCL2
−0.5
VDD2 + 0.5
V
Average Output Current,
per Pin2
IO1
−18
+18
mA
Average Output Current,
per Pin2
IO2
−100
+100
mA
Common-Mode
Transients3
−100
+100
kV/μs
1 All voltages are relative to their respective ground.
2 See Figure 4 for maximum rated current values for various temperatures.
3 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum rating may cause latch-
up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADUM2251ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM2251ARWZ AD-ADuM2251ARWZ Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2251ARWZ AD-ADUM2251ARWZ Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADuM2251ARWZ-RL AD-ADuM2251ARWZ-RL Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2251ARWZ-RL AD-ADUM2251ARWZ-RL Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results

Similar Description - ADUM2251ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com