Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6102B216 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6102B216
Description  CMOS Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6102B216 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6102B216 Datasheet HTML 2Page - Torex Semiconductor XC6102B216 Datasheet HTML 3Page - Torex Semiconductor XC6102B216 Datasheet HTML 4Page - Torex Semiconductor XC6102B216 Datasheet HTML 5Page - Torex Semiconductor XC6102B216 Datasheet HTML 6Page - Torex Semiconductor XC6102B216 Datasheet HTML 7Page - Torex Semiconductor XC6102B216 Datasheet HTML 8Page - Torex Semiconductor XC6102B216 Datasheet HTML 9Page - Torex Semiconductor XC6102B216 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/26
XC6101~XC6107, XC6111~XC6117 Series
Represents product series
Represents release delay time
MARK
RELEASE DELAY TIME
PRODUCT SERIES
A
3.13msec
XC61XxAxxxxx
B
25msec
XC61XxBxxxxx
C
50msec
XC61XxCxxxxx
D
100msec
XC61XxDxxxxx
E
200msec
XC61XxExxxxx
F
400msec
XC61XxFxxxxx
H
1.6sec
XC61XxHxxxxx
Represents watchdog timeout period
MARK
WATCHDOG TIMEOUT PERIOD
PRODUCT SERIES
0
XC61X6, XC61X7 series
XC61Xxx0xxxx
1
6.25msec
XC61Xxx1xxxx
2
50msec
XC61Xxx2xxxx
3
100msec
XC61Xxx3xxxx
4
200msec
XC61Xxx4xxxx
5
400msec
XC61Xxx5xxxx
6
1.6sec
XC61Xxx6xxxx
④⑤
Represents detect voltage
MARK
DETECT VOLTAGE (V)
PRODUCT SERIES
3
3
3.3
XC61Xxxx33xx
5
0
5.0
XC61Xxxx50xx
Represents production lot number
0 to 9 and A to Z repeated. (G, I, J, O, Q, W excepted.)
* No character inversion used.
** ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111)
MARK
PRODUCT SERIES
MARK
PRODUCT SERIES
3
XC6101xxxxxx
8
XC6111xxxxxx
4
XC6102xxxxxx
9
XC6112xxxxxx
5
XC6103xxxxxx
A
XC6113xxxxxx
6
XC6104xxxxxx
B
XC6114xxxxxx
7
XC6105xxxxxx
C
XC6115xxxxxx
3
XC6106xxxxxx
8
XC6116xxxxxx
4
XC6107xxxxxx
9
XC6117xxxxxx
MARKING RULE (Continued)
USP-6C
USP-6C
(TOP VIEW)


Similar Part No. - XC6102B216

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016MR TOREX-XC610101A016MR Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6102B216

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com