Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43304E2227M002 Datasheet(PDF) 9 Page - EPCOS

Part # B43304E2227M002
Description  Snap-In Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43304E2227M002 Datasheet(HTML) 9 Page - EPCOS

Back Button B43304E2227M002 Datasheet HTML 5Page - EPCOS B43304E2227M002 Datasheet HTML 6Page - EPCOS B43304E2227M002 Datasheet HTML 7Page - EPCOS B43304E2227M002 Datasheet HTML 8Page - EPCOS B43304E2227M002 Datasheet HTML 9Page - EPCOS B43304E2227M002 Datasheet HTML 10Page - EPCOS B43304E2227M002 Datasheet HTML 11Page - EPCOS B43304E2227M002 Datasheet HTML 12Page - EPCOS B43304E2227M002 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
231 10/02
Miniaturized 85 °C
B43304
400
100
22
× 25
1 630
1 960
1,5
0,67
B43304A9107M000
120
22
× 30
1 360
1 630
1,7
0,79
B43304A9127M000
120
25
× 25
1 360
1 630
1,8
0,80
B43304B9127M000
150
22
× 35
1 090
1 310
2,0
0,93
B43304A9157M000
150
25
× 30
1 090
1 310
2,1
0,95
B43304B9157M000
180
22
× 40
910
1 090
2,4
1,1
B43304A9187M000
180
25
× 30
910
1 090
2,3
1,0
B43304B9187M000
180
30
× 25
910
1 090
2,4
1,1
B43304C9187M000
220
22
× 45
740
890
2,7
1,2
B43304A9227M000
220
25
× 35
740
890
2,7
1,2
B43304B9227M000
220
30
× 30
740
890
2,8
1,3
B43304C9227M000
270
22
× 50
610
730
3,2
1,4
B43304A9277M000
270
25
× 40
610
730
3,1
1,4
B43304B9277M000
270
30
× 30
610
730
3,1
1,4
B43304C9277M000
270
35
× 25
610
730
3,2
1,5
B43304D9277M000
330
25
× 45
500
600
3,6
1,6
B43304A9337M000
330
30
× 35
500
600
3,6
1,6
B43304B9337M000
330
35
× 30
500
600
3,8
1,7
B43304C9337M000
390
25
× 50
420
510
4,1
1,9
B43304A9397M000
390
30
× 40
420
510
4,1
1,9
B43304B9397M000
390
35
× 30
420
510
4,1
1,9
B43304C9397M000
470
30
× 45
350
420
4,7
2,1
B43304A9477M000
470
35
× 35
350
420
4,7
2,2
B43304B9477M000
560
30
× 50
300
350
5,3
2,4
B43304A9567M000
560
35
× 40
300
350
5,4
2,5
B43304B9567M000
680
35
× 45
240
290
6,2
2,8
B43304A9687M000
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226.
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40 °C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)


Similar Part No. - B43304E2227M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43303 EPCOS-B43303 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M000 EPCOS-B43303A0128M000 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M000 EPCOS-B43303A0128M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
B43303A0128M002 EPCOS-B43303A0128M002 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M007 EPCOS-B43303A0128M007 Datasheet
318Kb / 14P
   Snap-In Capacitors
More results

Similar Description - B43304E2227M002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com