Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1404YCPZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1404YCPZ-REEL7
Description  2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1404YCPZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADG1404YCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Preliminary Technical Data
ADG1404
Rev. PrB | Page 3 of 17
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V± 10%, GND = 0 V, unless otherwise noted.
Table 1.
25°C
−40°C to +
85°C
−40°C to +
125°C
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
1.5
Ω typ
VS = ±10 V, IS =
−10 mA; Figure 21
2
Ω max
VDD = +13.5 V, VSS =
−13.5 V
On Resistance Match Between
Channels (
∆RON)
0.1
Ω typ
VS = ±10 V, IS =
−10 mA
0.5
Ω max
On Resistance Flatness (RFLAT(ON))
0.1
Ω typ
VS =
−5 V, 0 V, +5 V; IS = −10 mA
0.5
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = ±10 V, Vs =
10 V; Figure 22
±0.5
±2.5
±5
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = ±10 V, Vs =
10 V ; Figure 22
±0.5
±2.5
±5
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VS = VD = ±10 V; Figure 23
±1
±2.5
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINLor INH
0.005
µA typ
VIN = VINL or VINH
±0.5
µA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANS
120
ns typ
RL = 300 Ω, CL = 35 pF
150
200
200
ns max
VS = +10 V; Figure 24
tON (EN)
70
ns typ
RL = 300 Ω, CL = 35 pF
85
110
110
ns max
VS = +10 V; Figure 24
tOFF (EN)
90
ns typ
RL = 300 Ω, CL = 35 pF
110
155
155
ns max
VS = +10 V; Figure 24
Break-Before-Make Time Delay, tD
25
ns typ
RL = 300 Ω, CL = 35 pF
10
10
ns min
VS1 = VS2 = 10 V; Figure 25
Charge Injection
50
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; Figure 26
Off Isolation
50
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 27
Channel-to-Channel Crosstalk
60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 28
Total Harmonic Distortion + Noise
0.01
% typ
RL = 110 Ω, 5 V rms, f = 20 Hz to 20 kHz
−3 dB Bandwidth
50
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 29
Insertion Loss
0.17
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 29
CS (Off)
35
pF typ
f = 1 MHz; VS = 0 V
pF max
f = 1 MHz; VS = 0 V
CD (Off)
100
pF typ
f = 1 MHz; VS = 0 V
pF max
f = 1 MHz; VS = 0 V
CD, CS (On)
150
pF typ
f = 1 MHz; VS = 0 V
pF max
f = 1 MHz; VS = 0 V
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.001
µA typ
Digital inputs = 0 V or VDD


Similar Part No. - ADG1404YCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1404 AD-ADG1404_15 Datasheet
273Kb / 16P
   1.5 On Resistance
REV. A
More results

Similar Description - ADG1404YCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com