Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1AD8538AUJZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # 1AD8538AUJZ-REEL
Description  Low Power, Precision, Auto-Zero Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1AD8538AUJZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button 1AD8538AUJZ-REEL Datasheet HTML 3Page - Analog Devices 1AD8538AUJZ-REEL Datasheet HTML 4Page - Analog Devices 1AD8538AUJZ-REEL Datasheet HTML 5Page - Analog Devices 1AD8538AUJZ-REEL Datasheet HTML 6Page - Analog Devices 1AD8538AUJZ-REEL Datasheet HTML 7Page - Analog Devices 1AD8538AUJZ-REEL Datasheet HTML 8Page - Analog Devices 1AD8538AUJZ-REEL Datasheet HTML 9Page - Analog Devices 1AD8538AUJZ-REEL Datasheet HTML 10Page - Analog Devices 1AD8538AUJZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8538/AD8539
Rev. A | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
T = 25°C, unless otherwise noted.
THERMAL RESISTANCE
A
Table 5.
θJA
Parameter
Rating
is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Supply Voltage
+6 V
Table 6. Thermal Characteristics
Input Voltage
V − 0.3 V to V
+ 0.3 V
SS
DD
Package Type
θ
θ
Unit
Differential Input Voltage
±6 V
JA
JC
5-Lead TSOT-23 (UJ-5)
207
61
°C/W
Output Short-Circuit Duration to GND
Observe derating curve
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Operating Temperature Range
–40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply at 25°C, unless otherwise noted.
8-Lead SOIC_N (R-8)
125
43
°C/W
8-Lead MSOP (RM-8)
145
45
°C/W
ESD CAUTION


Similar Part No. - 1AD8538AUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1AD4 PHILIPS-1AD4 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
Analog Devices
1ADR1581BRTZ-REEL AD-1ADR1581BRTZ-REEL Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

Similar Description - 1AD8538AUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8538 AD-AD8538_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539 AD-AD8539_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539ARMZ AD-AD8539ARMZ Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
REV. B
AD8538 AD-AD8538 Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
   High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com