Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9211 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9211
Description  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211 Datasheet(HTML) 4 Page - Analog Devices

  AD9211 Datasheet HTML 1Page - Analog Devices AD9211 Datasheet HTML 2Page - Analog Devices AD9211 Datasheet HTML 3Page - Analog Devices AD9211 Datasheet HTML 4Page - Analog Devices AD9211 Datasheet HTML 5Page - Analog Devices AD9211 Datasheet HTML 6Page - Analog Devices AD9211 Datasheet HTML 7Page - Analog Devices AD9211 Datasheet HTML 8Page - Analog Devices AD9211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD9211
Rev. 0 | Page 4 of 28
AC SPECIFICATIONS1
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 2.
AD9211-200
AD9211-250
AD9211-300
Parameter2
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SNR
fIN = 10 MHz
25°C
59.0
59.5
58.9
59.4
58.6
59.2
dB
Full
58.9
58.7
57.5
dB
fIN = 70 MHz
25°C
58.9
59.3
58.8
59.3
58.5
59.1
dB
Full
58.8
58.7
57.0
dB
fIN = 170 MHz
25°C
58.5
59.0
58.5
59.0
58.3
58.7
dB
Full
58.4
58.4
57.0
dB
SINAD
fIN = 10 MHz
25°C
59.0
59.5
58.9
59.4
58.6
59.1
dB
Full
58.9
58.7
57.3
dB
fIN = 70 MHz
25°C
58.8
59.2
58.8
59.2
58.4
59.0
dB
Full
58.7
58.6
57.0
dB
fIN = 170 MHz
25°C
58.2
58.8
58.2
59.0
58.2
58.8
dB
Full
58.1
58.1
56.7
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
9.8
9.7
9.7
Bits
fIN = 70 MHz
25°C
9.7
9.7
9.7
Bits
fIN = 170 MHz
25°C
9.6
9.7
9.6
Bits
WORST HARMONIC (Second or Third)
fIN = 10 MHz
25°C
−85
−78
−86
−79
−80
−75
dBc
Full
−78
−77
−70
dBc
fIN = 70 MHz
25°C
−77
−75
−80
−76
−80
−74
dBc
Full
−75
−74
−67
dBc
fIN = 170 MHz
25°C
−77
−72
−79
−70
−80
−73
dBc
Full
−72
−70
−67
dBc
WORST OTHER
(SFDR Excluding Second and Third)
fIN = 10 MHz
25°C
−86
−82
−82
−80
−82
−75
dBc
Full
−82
−77
−70
dBc
fIN = 70 MHz
25°C
−83
−81
−82
−79
−80
−75
dBc
Full
−81
−77
−71
dBc
fIN = 170 MHz
25°C
−81
−74
−79
−77
−80
−75
dBc
Full
−74
−75
−70
dBc
TWO-TONE IMD
140.2 MHz/141.3 MHz @ −7 dBFS
25°C
−78
−87
−81
dBc
170.2 MHz/171.3 MHz @ −7 dBFS
25°C
−86
−82
−82
dBc
ANALOG INPUT BANDWIDTH
25°C
700
700
700
MHz
1 All ac specifications tested by driving CLK+ and CLK− differentially.
2 See the AN-835
application note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.


Similar Part No. - AD9211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9211 AD-AD9211 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9211 AD-AD9211 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9211-170EB AD-AD9211-170EB Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9211-200EB AD-AD9211-200EB Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com