Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110C1-315 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 110C1-315
Description  118 SERIES AM REMOTE CONTROL SYSTEMS.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110C1-315 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  110C1-315 Datasheet HTML 1Page - List of Unclassifed Manufacturers 110C1-315 Datasheet HTML 2Page - List of Unclassifed Manufacturers 110C1-315 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS118 Issue 6 Jan 03
2003 REG No 277 4001, ENGLAND.
Page 1
‘118’ SERIES AM REMOTE CONTROL SYSTEMS.
Complete Remote Control System
Range Up To 100 Metres
12 or 24Vdc Supply.
Easy Installation Via Screw Terminals.
1 Relay Output 12Apk @ 230Vac
2 Relay Outputs 2A @ 12Vdc
Momentary or Latching Outputs
IP65 Rated Enclosure
Wall Mounting Lugs Supplied
Highly secure Keeloq protocol.
433MHz version CE Compliant for use in Europe
315MHz FCC Compliant for use in USA
Description
This remote control system is supplied ready to operate. Installation requires connections to power supply
screw terminals and the output relay contacts.
Ordering Information
PART No
DESCRIPTION
118C1AR5
AM Remote control System 1 Channel, 433MHz
118C3AR5
AM Remote control System 3 Channel, 433MHz
118C1-315AR1
AM Remote control System 1 Channel, 315MHz
118C1-315AR1
AM Remote control System 3 Channel, 315MHz
Additional Transmitter Keyfobs
This remote control system is supplied ready to operate. Installation requires connections to power supply
screw terminals and the output relay contacts.
PART No
DESCRIPTION
110C1-315
Transmitter Keyfob 1 switch, 315 MHz
110C2-315
Transmitter Keyfob 1 switch, 315 MHz
110C3-315
Transmitter Keyfob 3 switch, 315 MHz
AM-110C1-433
Transmitter Keyfob 1 switch, 433 MHz
AM-110C2-433
Transmitter Keyfob 2 switch, 433 MHz
AM-110C3-433
Transmitter Keyfob 3 switch, 433 MHz


Similar Part No. - 110C1-315

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
110C1-315A RFSOLUTIONS-110C1-315A Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
110C1-315A RFSOLUTIONS-110C1-315A Datasheet
231Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
110C1-315A RFSOLUTIONS-110C1-315A Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
More results

Similar Description - 110C1-315

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
   TRAP Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
   Professional Remote Control Systems
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
   VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
   Professional Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
   VIPER Remote Control Systems
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
   RADIO REMOTE CONTROL SYSTEMS
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
114C1-075FR6 RFSOLUTIONS-114C1-075FR6 Datasheet
61Kb / 4P
   TRAP REMOTE CONTROL SYSTEMS (SW ADDRESSING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com