Part Name
Included
start with
end
match
Description
AD8667_07
16 V, 250 μA, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier ( 16 Page)
AD
100%
2 page
AD8667
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configuration............................................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings ............................................................5
Thermal Resistance .......................................................................5
ESD Caution...................................................................................5
Typical Performance Characteristics ..............................................6
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
5/07—Revision 0: Initial Version
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
TS922_07
Rail-to-rail
high
output
current
dual
operational
amplifier
1
2
3
4
5
More
STMicroelectronics
AZV321_01
SINGLE
LOW
VOLTAGE
RAIL-TO-RAIL
OUTPUT
OPERATIONAL
AMPLIFIER
1
2
BCD Semiconductor Manufacturing Limited
TL3414A_06
DUAL
HIGH
OUTPUT
CURRENT
OPERATIONAL
AMPLIFIER
1
2
3
4
5
More
Texas Instruments
HA-5222_01
Dual
Low
Noise
Wideband
Precision
Operational
Amplifier
1
2
3
4
5
More
Intersil Corporation
AD8500
Micropower
Precision
CMOS
Operational
Amplifier
1
2
3
4
5
More
Analog Devices
LMV341
RAIL-TO-RAIL
OUTPUT
CMOS
OPERATIONAL
AMPLIFIERS
WITH
SHUTDOWN
1
2
3
4
5
More
Texas Instruments
TLV341_07
LOW-VOLTAGE
RAIL-TO-RAIL
OUTPUT
CMOS
OPERATIONAL
AMPLIFIERS
WITH
SHUTDOWN
1
2
3
4
5
More
Texas Instruments
AD5663
2.7
V
to
5.5
V
250
uA
Rail-to-Rail
Output
Dual
16-Bit
nanoDAC
1
2
3
4
5
More
Analog Devices
AZV321
SINGLE
LOW
VOLTAGE
RAIL-TO-RAIL
OUTPUT
OPERATIONAL
AMPLIFIER
1
2
3
4
5
More
BCD Semiconductor Manufacturing Limited
ISL28278
Dual
Micropower
Single
Supply
Rail-to-Rail
Input
and
Output
RRIO
Precision
Op-Amp
1
2
3
4
5
More
Intersil Corporation
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl