Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC41 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC41
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 Datasheet(HTML) 5 Page - Microchip Technology

  24LC41_04 Datasheet HTML 1Page - Microchip Technology 24LC41_04 Datasheet HTML 2Page - Microchip Technology 24LC41_04 Datasheet HTML 3Page - Microchip Technology 24LC41_04 Datasheet HTML 4Page - Microchip Technology 24LC41_04 Datasheet HTML 5Page - Microchip Technology 24LC41_04 Datasheet HTML 6Page - Microchip Technology 24LC41_04 Datasheet HTML 7Page - Microchip Technology 24LC41_04 Datasheet HTML 8Page - Microchip Technology 24LC41_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2004 Microchip Technology Inc.
DS21140F-page 5
24LC41
2.3.1
BIDIRECTIONAL MODE
The DDC Monitor Port can be switched into the
Bidirectional mode (Figure 2-3) by applying a valid
high-to-low transition on the Bidirectional mode Clock
(DSCL). When the device has been switched into the
Bidirectional mode, the VCLK/DWP input is disre-
garded, with the exception that a logic high level is
required to enable write capability. This mode supports
a 2-wire bidirectional data transmission protocol. In this
protocol, a device that sends data on the bus is defined
to be the transmitter, and a device that receives data
from the bus is defined to be the receiver. The bus must
be controlled by a master device that generates the
Bidirectional mode Clock (DSCL), controls access to
the bus and generates the Start and Stop conditions,
while the DDC Monitor Port acts as the slave. Both
master and slave can operate as transmitter or
receiver, but the master device determines which mode
is activated.
2.4
Microcontroller Access Port
The Microcontroller Access Port supports a bidirec-
tional 2-wire bus and data transmission protocol. A
device that sends data onto the bus is defined as
transmitter, and a device receiving data as receiver.
The bus has to be controlled by a master device which
generates the serial clock (MSCL), controls the bus
access, and generates the Start and Stop conditions,
while the Microcontroller Access Port works as slave.
Both master and slave can operate as transmitter or
receiver, but the master device determines which mode
is activated.
FIGURE 2-3:
MODE TRANSITION
DSCL
DSDA
VCLK/DWP
Bidirectional Mode
TVHZ
Transmit-only Mode


Similar Part No. - 24LC41_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC41-IP MICROCHIP-24LC41-IP Datasheet
98Kb / 12P
   1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
1996
24LC41-P MICROCHIP-24LC41-P Datasheet
98Kb / 12P
   1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
1996
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41A-/P MICROCHIP-24LC41A-/P Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41A-I/P MICROCHIP-24LC41A-I/P Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
More results

Similar Description - 24LC41_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com