Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B80K230 Datasheet(PDF) 4 Page - EPCOS

Part # B80K230
Description  Block Varistors HighE Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B80K230 Datasheet(HTML) 4 Page - EPCOS

  B80K230 Datasheet HTML 1Page - EPCOS B80K230 Datasheet HTML 2Page - EPCOS B80K230 Datasheet HTML 3Page - EPCOS B80K230 Datasheet HTML 4Page - EPCOS B80K230 Datasheet HTML 5Page - EPCOS B80K230 Datasheet HTML 6Page - EPCOS B80K230 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
224 04/02
1) Operating voltage differs from type designation
B32K420
B72232B0421K001
420
560
25000
600
1,2
B40K420
B72240B0421K001
420
560
40000
910
1,4
B60K420
B72260B0421K001
420
560
70000
1500
1,6
B80K420
B72280B0421K001
420
560
100000
2200
2,0
B32K440
B72232B0441K001
440
585
25000
630
1,2
B40K440
B72240B0441K001
440
585
40000
950
1,4
B60K440
B72260B0441K001
440
585
70000
1580
1,6
B80K440
B72280B0441K001
440
585
100000
2350
2,0
B32K460
B72232B0461K001
460
615
25000
660
1,2
B40K460
B72240B0461K001
460
615
40000
1000
1,4
B60K460
B72260B0461K001
460
615
70000
1650
1,6
B80K460
B72280B0461K001
460
615
100000
2500
2,0
B32K550
B72232B0551K001
550
745
25000
620
1,2
B40K550
B72240B0551K001
550
745
40000
960
1,4
B60K550
B72260B0551K001
550
745
70000
1500
1,6
B80K550
B72280B0551K001
550
745
100000
3100
2,0
B32K680
B72232B0681K001
680
895
25000
760
1,2
B40K680
B72240B0681K001
680
895
40000
1100
1,4
B60K680
B72260B0681K001
680
895
70000
1800
1,6
B80K680
B72280B0681K001
680
895
100000
3600
2,0
B32K750
B72232B0751K001
750
970
25000
800
1,2
B40K750
B72240B0751K001
750
970
40000
1200
1,4
B60K750
B72260B0751K001
750
970
70000
2000
1,6
B80K750
B72280B0751K001
750
970
100000
4000
2,0
B60K10001)
B72260B0102K001
1100
1465
70000
3000
1,6
B80K1100
B72280B0112K001
1100
1465
100000
6000
2,0
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
Varistor elements without plastic housing (suitable for soldering) are available upon request.
Designations:
SIOV-D32K … K6
SIOV-D60K … K6
SIOV-D40K … QK6
SIOV-D80K … K6
HighE Series
Block Varistors


Similar Part No. - B80K230

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
B80K230 MDE-B80K230 Datasheet
40Kb / 1P
   Metal Oxide Varistors
B80K230 MDE-B80K230 Datasheet
40Kb / 1P
   Metal Oxide Varistors
More results

Similar Description - B80K230

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com